Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3843N13 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AS3843N13
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843N13 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AS3843N13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
ASTEC Semiconductor
AS384x
Current Mode Controller
Typical Performance Curves
Figure 6
Figure 8
Figure 7
Figure 9
0
20
40
60
80
100
120
140
I
SC – Regulator Source Current (mA)
0
–4
–8
–12
–16
–20
–24
Regulator Load Regulation
150
°C
25
°C
–55
°C
0.3
1
R
T – Timing Register (kΩ)
3
10
20
40
60
80
100
Maximum Duty Cycle vs Timing Resistor
10
100
1 M
100
10
1
0.1
Timing Capacitor vs Oscillator Frequency
F
OSC – Oscillator Frequency (kHz)
R
T = 680 Ω
R
T = 1 kΩ
R
T = 2.2 kΩ
R
T = 4.7 kΩ
R
T = 10 kΩ
T
A – Ambient Temperature (°C)
–55
–35 –15
5
25
45
65
85
105
125
100
90
80
70
60
50
40
Maximum Duty Cycle Temperature Stability
R
T = 10 kΩ
R
T = 2.2 kΩ
R
T = 1 kΩ
R
T = 680 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com