Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR18910 Datasheet(PDF) 13 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 9Page - Exar Corporation XR18910 Datasheet HTML 10Page - Exar Corporation XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation XR18910 Datasheet HTML 13Page - Exar Corporation XR18910 Datasheet HTML 14Page - Exar Corporation XR18910 Datasheet HTML 15Page - Exar Corporation XR18910 Datasheet HTML 16Page - Exar Corporation XR18910 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
REV1A
Application Information (Continued)
I2C Bus Interface
The I2C-bus interface consists of two lines: serial data (SDA)
and serial clock (SCL). The XR18910 works as a slave and
supports both standard mode transfer rates (100 kbps) and
fast mode transfer rates (400 kbps) as defined in the I2C-
Bus specification. The I2C-bus interface follows all standard
I2C protocols. Some information is provided below, for
additional information, refer to the I2C-bus specifications.
Figure 21. I2C Start and Stop Conditions
The basic I2C access cycle for the XR18910 consists of:
■
■
A start condition
■
■
A slave address cycle
■
■
Zero, one, or two data cycles - depending on the XR18910
register accessed
■
■
A stop condition
Start Condition
The master initiates data transfer by generating a start
condition. The start condition is when a high-to-low transition
occurs on the SDA line while SCL is high, as shown in
Figure 21.
Slave Address Cycle
After the start condition, the first byte sent by the master
is the 7-bit address and the read/write direction bit R/W
on the SDA line. If the address matches the XR18910’s
internal fixed address, the XR18910 will respond with an
acknowledge by pulling the SDA line low for one clock cycle
while SCL is high.
Data Cycle
After the master detects this acknowledge, the next byte
transmitted by the master is the sub-address. This 8-bit
sub-address contains the address of the register to access.
The XR18910 Register List is shown in Table 1. Depending
on the register accessed, there will be up to two additional
data bytes transmitted by the master. Refer to the “Byte of
Parameter” column in the Register Table. The XR18910 will
respond to each write with an acknowledge.
Stop Condition
To signal the end of the data transfer, the master generates
a stop condition by pulling the SDA line from low to high
while the SCL line is high, as shown in Figure 21.
Figures 22 and 23 illustrate a write and a read cycle. For
complete details, see the I2C-bus specifications.
S
SLAVE
ADDRESS
W
A
REGISTER
ADDRESS
A
nDATA
A
P
NOTES:
White Block = host to XR18910, Orange Block = XR18910 to host.
Figure 22. Master Writes to Slave (XR18910)
S
SLAVE
ADDRESS
W A
REGISTER
ADDRESS
A S
SLAVE
ADDRESS
R A nDATA A
LAST
DATA
NA P
NOTES:
White Block = host to XR18910, Orange Block = XR18910 to host.
Figure 23. Master Reads from Slave (XR18910)
I2C Bus Addressing
The XR18910 uses a 7-bit address space. For the standard
XR18910, the default address is 0x67 (0110 111). There
are three alternative addresses available to help insure that
the XR18910 can be identified from the other devices on
the I2C-bus. Table 4 shows the different addresses that are
available.
Table 4. XR18910 I2C Address Map
I2C Address
Orderable Part Number
0x67 (0110 111x)
XR18910IL-67
0x66 (0110 110x)
XR18910IL-66
0x65 (0110 101x)
XR18910IL-65
0x64 (0110 100x)
XR18910IL-64
A read or write transaction is determined by bit-0 of the
slave address, (shown as an “x” in the table above). If bit-0
is ’0’, then it is a write transaction. If bit-0 is ’1’, then it is a
read transaction.
An I2C sub-address is sent by the I2C master following the
slave address. The sub-address contains the XR18910
register address being accessed. Table 1 illustrates the
available XR18910 register addresses.
After the last read or write transaction, the I2C-bus master
will set the SCL signal back to its idle state (HIGH).
XR20M1280
7
REV. 1.0.0
I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
1.0 FUNCTIONAL DESCRIPTIONS
1.1
CPU Interface
The XR20M1280 can operate with either an I2C-bus interface or an SPI interface. The CPU interface is
selected via the I2C/SPI# input pin.
1.1.1
I2C-bus Interface
The I2C-bus interface is compliant with the Standard-mode and Fast-mode I2C-bus specifications. The I2C-bus
interface consists of two lines: serial data (SDA) and serial clock (SCL). In the Standard-mode, the serial clock
and serial data can go up to 100 kbps and in the Fast-mode, the serial clock and serial data can go up to 400
kbps. The first byte sent by an I2C-bus master contains a start bit (SDA transition from HIGH to LOW when
SCL is HIGH), 7-bit slave address and whether it is a read or write transaction. The next byte is the sub-
address that contains the address of the register to access. The XR20M1280 responds to each write with an
acknowledge (SDA driven LOW by XR20M1280 for one clock cycle when SCL is HIGH). If the TX FIFO is full,
the XR20M1280 will respond with a negative acknowledge (SDA driven HIGH by XR20M1280 for one clock
cycle when SCL is HIGH) when the CPU tries to write to the TX FIFO. The last byte sent by an I2C-bus master
contains a stop bit (SDA transition from LOW to HIGH when SCL is HIGH). See
Figures 3 - 5 below. For
complete details, see the I2C-bus specifications.
FIGURE 3. I C START AND STOP CONDITIONS
SDA
SCL
S
P
START condition
STOP condition
FIGURE 4. MASTER WRITES TO SLAVE (XR20M1280)
SW
A
A
AP
SLAVE
ADDRESS
REGISTER
ADDRESS
nDATA
White block: host to UART
Grey block: UART to host
FIGURE 5. MASTER READS FROM SLAVE (XR20M1280)
SW
A
AR
SLAVE
ADDRESS
REGISTER
ADDRESS
White block: host to UART
Grey block: UART to host
A
S
SLAVE
ADDRESS
nDATA
A
NA
P
LAST DATA
2
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com