Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR18910 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 4Page - Exar Corporation XR18910 Datasheet HTML 5Page - Exar Corporation XR18910 Datasheet HTML 6Page - Exar Corporation XR18910 Datasheet HTML 7Page - Exar Corporation XR18910 Datasheet HTML 8Page - Exar Corporation XR18910 Datasheet HTML 9Page - Exar Corporation XR18910 Datasheet HTML 10Page - Exar Corporation XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/19
REV1A
Pin Configuration
2
IN1-
4
IN2-
3
IN2+
1
IN1+
VDD
6
5
IN3+
17
BRDG
15
IN8+
16
IN8-
18
13
IN7+
IN6-
14
IN7-
Pin Functions
Pin Number
Pin Name
Description
1
VDD
Digital Supply
2
IN1+
Positive Input 1
3
IN1-
Negative Input 1
4
IN2+
Positive Input 2
5
IN2-
Negative Input 2
6
IN3+
Positive Input 3
7
IN3-
Negative Input 3
8
IN4+
Positive Input 4
9
IN4-
Negative Input 4
10
IN5+
Positive Input 5
11
IN5-
Negative Input 5
12
IN6+
Positive Input 6
13
IN6-
Negative Input 6
14
IN7+
Positive Input 7
15
IN7-
Negative Input 7
16
IN8+
Positive Input 8
17
IN8-
Negative Input 8
18
BRDG
BRDG Power Connection (LDO output)
19
AGND
Analog Ground
20
OUT
Output
21
VCC
Analog Supply
22
DGND
Digital Ground
23
SCL
Serial Clock Input
24
SDA
Serial Data Input/Output
NOTE:
Exar recommends grounding the exposed pad.
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com