Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR18910 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 2 Page - Exar Corporation

  XR18910 Datasheet HTML 1Page - Exar Corporation XR18910 Datasheet HTML 2Page - Exar Corporation XR18910 Datasheet HTML 3Page - Exar Corporation XR18910 Datasheet HTML 4Page - Exar Corporation XR18910 Datasheet HTML 5Page - Exar Corporation XR18910 Datasheet HTML 6Page - Exar Corporation XR18910 Datasheet HTML 7Page - Exar Corporation XR18910 Datasheet HTML 8Page - Exar Corporation XR18910 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/19
REV1A
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
Analog supply voltage (VCC).......................................... 0V to 5.5V
Digital supply voltage (VDD)........................................... 0V to 5.5V
Digital input/output (VDDIO)............................................ 0V to 5.5V
VIN .....................................................................................0 to VCC
Differential input voltage (current limit of 10mA) ...................... VCC
ESD rating (HBM - human body model) ...................................4kV
Operating Conditions
Analog supply voltage range .................................... 2.7V to 5.25V
Digital supply voltage range.......................................1.7V to 5.25V
Operating temperature range ...................................-40°C to 85°C
Junction temperature ............................................................ 150°C
Storage temperature range.....................................-65°C to 150°C
Lead temperature (soldering, 10s)........................................260°C
Package thermal resistance
θJA ......................................50°C/W(1)
NOTE:
1. JEDEC standard, multi-layer test boards, still air.
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com