Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339J Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM339J
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM339J Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM339J Datasheet HTML 3Page - National Semiconductor (TI) LM339J Datasheet HTML 4Page - National Semiconductor (TI) LM339J Datasheet HTML 5Page - National Semiconductor (TI) LM339J Datasheet HTML 6Page - National Semiconductor (TI) LM339J Datasheet HTML 7Page - National Semiconductor (TI) LM339J Datasheet HTML 8Page - National Semiconductor (TI) LM339J Datasheet HTML 9Page - National Semiconductor (TI) LM339J Datasheet HTML 10Page - National Semiconductor (TI) LM339J Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Application Hints
The LM139 series are high gain, wide bandwidth devices
which, like most comparators, can easily oscillate if the
output lead is inadvertently allowed to capacitively couple to
the inputs via stray capacitance. This shows up only during
the output voltage transition intervals as the comparator
changes states. Power supply bypassing is not required to
solve this problem. Standard PC board layout is helpful as it
reduces stray input-output coupling. Reducing this input re-
sistors to < 10 k
Ω reduces the feedback signal levels and
finally, adding even a small amount (1 to 10 mV) of positive
feedback (hysteresis) causes such a rapid transition that
oscillations due to stray feedback are not possible. Simply
socketing the IC and attaching resistors to the pins will cause
input-output oscillations during the small transition intervals
unless hysteresis is used. If the input signal is a pulse
waveform, with relatively fast rise and fall times, hysteresis is
not required.
All pins of any unused comparators should be tied to the
negative supply.
The bias network of the LM139 series establishes a drain
current which is independent of the magnitude of the power
supply voltage over the range of from 2 V
DC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across
the power supply line.
The differential input voltage may be larger than V
+ without
damaging the device. Protection should be provided to pre-
vent the input voltages from going negative more than −0.3
V
DC (at 25˚C). An input clamp diode can be used as shown
in the applications section.
The output of the LM139 series is the uncommitted collector
of a grounded-emitter NPN output transistor. Many collectors
can be tied together to provide an output OR’ing function. An
output pull-up resistor can be connected to any available
power supply voltage within the permitted supply voltage
range and there is no restriction on this voltage due to the
magnitude of the voltage which is applied to the V
+ terminal
of the LM139A package. The output can also be used as a
simple SPST switch to ground (when a pull-up resistor is not
used). The amount of current which the output device can
sink is limited by the drive available (which is independent of
V
+) and the
β of this device. When the maximum current limit
is reached (approximately 16 mA), the output transistor will
come out of saturation and the output voltage will rise very
rapidly. The output saturation voltage is limited by the ap-
proximately 60
Ω R
SAT of the output transistor. The low offset
voltage of the output transistor (1 mV) allows the output to
clamp essentially to ground level for small load currents.
Typical Applications (V+ = 5.0 V
DC)
Basic Comparator
00570603
Driving CMOS
00570604
Driving TTL
00570605
AND Gate
00570608
OR Gate
00570609
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com