Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM339J
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM339J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM339J Datasheet HTML 1Page - National Semiconductor (TI) LM339J Datasheet HTML 2Page - National Semiconductor (TI) LM339J Datasheet HTML 3Page - National Semiconductor (TI) LM339J Datasheet HTML 4Page - National Semiconductor (TI) LM339J Datasheet HTML 5Page - National Semiconductor (TI) LM339J Datasheet HTML 6Page - National Semiconductor (TI) LM339J Datasheet HTML 7Page - National Semiconductor (TI) LM339J Datasheet HTML 8Page - National Semiconductor (TI) LM339J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM139/LM239/LM339
LM139A/LM239A/LM339A
LM3302
LM2901
Supply Voltage, V
+
36 V
DC or ±18 VDC
28 V
DC or ±14 VDC
Differential Input Voltage (Note 8)
36 V
DC
28 V
DC
Input Voltage
−0.3 V
DC to +36 VDC
−0.3 V
DC to +28 VDC
Input Current (V
IN<−0.3 VDC),
(Note 3)
50 mA
50 mA
Power Dissipation (Note 1)
Molded DIP
1050 mW
1050 mW
Cavity DIP
1190 mW
Small Outline Package
760 mW
Output Short-Circuit to GND,
(Note 2)
Continuous
Continuous
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
260˚C
Operating Temperature Range
−40˚C to +85˚C
LM339/LM339A
0˚C to +70˚C
LM239/LM239A
−25˚C to +85˚C
LM2901
−40˚C to +85˚C
LM139/LM139A
−55˚C to +125˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of
soldering surface mount devices.
ESD rating (1.5 k
Ω in series with 100 pF)
600V
600V
Electrical Characteristics
(V
+=5 V
DC,TA = 25˚C, unless otherwise stated)
Parameter
Conditions
LM139A
LM239A, LM339A
LM139
Units
Min Typ
Max
Min
Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
1.0
2.0
1.0
2.0
2.0
5.0
mV
DC
Input Bias Current
I
IN(+) or IIN(−) with Output in
25
100
25
250
25
100
nA
DC
Linear Range, (Note 5), V
CM=0V
Input Offset Current
I
IN(+)−IIN(−),VCM=0V
3.0
25
5.0
50
3.0
25
nA
DC
Input Common-Mode
V
+=30 V
DC (LM3302,
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
DC
Voltage Range
V
+ =28V
DC) (Note 6)
Supply Current
R
L = ∞ on all Comparators,
0.8
2.0
0.8
2.0
0.8
2.0
mA
DC
R
L = ∞,V
+ = 36V,
1.0
2.5
1.0
2.5
mA
DC
(LM3302, V
+ =28V
DC)
Voltage Gain
R
L
≥15 kΩ,V+ =15V
DC
50
200
50
200
50
200
V/mV
V
O =1VDC to 11 VDC
Large Signal
V
IN = TTL Logic Swing, VREF =
300
300
300
ns
Response Time
1.4 V
DC,VRL =5VDC,
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com