Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM339J
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM339J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM339J Datasheet HTML 1Page - National Semiconductor (TI) LM339J Datasheet HTML 2Page - National Semiconductor (TI) LM339J Datasheet HTML 3Page - National Semiconductor (TI) LM339J Datasheet HTML 4Page - National Semiconductor (TI) LM339J Datasheet HTML 5Page - National Semiconductor (TI) LM339J Datasheet HTML 6Page - National Semiconductor (TI) LM339J Datasheet HTML 7Page - National Semiconductor (TI) LM339J Datasheet HTML 8Page - National Semiconductor (TI) LM339J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
Low Power Low Offset Voltage Quad Comparators
General Description
The LM139 series consists of four independent precision
voltage comparators with an offset voltage specification as
low as 2 mV max for all four comparators. These were
designed specifically to operate from a single power supply
over a wide range of voltages. Operation from split power
supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply
voltage. These comparators also have a unique characteris-
tic in that the input common-mode voltage range includes
ground, even though operated from a single power supply
voltage.
Application areas include limit comparators, simple analog to
digital converters; pulse, squarewave and time delay gen-
erators; wide range VCO; MOS clock timers; multivibrators
and high voltage digital logic gates. The LM139 series was
designed to directly interface with TTL and CMOS. When
operated from both plus and minus power supplies, they will
directly interface with MOS logic — where the low power
drain of the LM339 is a distinct advantage over standard
comparators.
Features
n
Wide supply voltage range
n
LM139/139A Series
2 to 36 V
DC or ±1to ±18 VDC
n
LM2901:
2 to 36 V
DC or ±1to ±18 VDC
n
LM3302:
2 to 28 V
DC or ±1to ±14 VDC
n
Very low supply current drain (0.8 mA) — independent
of supply voltage
n
Low input biasing current:
25 nA
n
Low input offset current:
±5nA
n
Offset voltage:
±3mV
n
Input common-mode voltage range includes GND
n
Differential input voltage range equal to the power
supply voltage
n
Low output saturation voltage:
250 mV at 4 mA
n
Output voltage compatible with TTL, DTL, ECL, MOS
and CMOS logic systems
Advantages
n
High precision comparators
n
Reduced V
OS drift over temperature
n
Eliminates need for dual supplies
n
Allows sensing near GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
One-Shot Multivibrator with Input
Lock Out
00570612
March 2004
© 2004 National Semiconductor Corporation
DS005706
www.national.com


Similar Part No. - LM339J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339J TI1-LM339J Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
LM339J TI1-LM339J Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
LM339J TI1-LM339J Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
LM339J TI2-LM339J Datasheet
1Mb / 24P
LM339-MIL Low-Power Low-Offset Voltage Quad Comparator
JUNE 2017
LM339J.A TI2-LM339J.A Datasheet
1Mb / 24P
LM339-MIL Low-Power Low-Offset Voltage Quad Comparator
JUNE 2017
More results

Similar Description - LM339J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com