Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT4192IPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192IPW
Description  192kHz Digital Audio Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIT4192IPW Datasheet(HTML) 4 Page - Texas Instruments

  DIT4192IPW Datasheet HTML 1Page - Texas Instruments DIT4192IPW Datasheet HTML 2Page - Texas Instruments DIT4192IPW Datasheet HTML 3Page - Texas Instruments DIT4192IPW Datasheet HTML 4Page - Texas Instruments DIT4192IPW Datasheet HTML 5Page - Texas Instruments DIT4192IPW Datasheet HTML 6Page - Texas Instruments DIT4192IPW Datasheet HTML 7Page - Texas Instruments DIT4192IPW Datasheet HTML 8Page - Texas Instruments DIT4192IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DIT4192
4
SBOS229B
www.ti.com
PIN CONFIGURATION: Software Mode (MODE = 0)
Top View
TSSOP
PIN DESCRIPTIONS: Software Mode
PIN
NAME
PIN DESCRIPTION
1
NC
No Connection
2
CDOUT
Control Port Data Output, Tri-State
3
CCLK
Control Port Data Clock Input
4
CDIN
Control Port Serial Data Input
5
CS
Control Port Chip Select Input, Active LOW
6
MCLK
Master Clock Input
7VIO
Digital I/O Power Supply, +2.7V to VDD
Nominal
8
DGND
Digital Ground
9
RXP
AES-3 Encoded Data Input
10
NC
No Connection
11
SCLK
Audio Serial Port Data Clock I/O
12
SYNC
Audio Serial Port Frame SYNC Clock I/O
13
SDATA
Audio Serial Port Data Input
14
NC
No Connection
15
RST
Reset Input, Active LOW
16
DGND
Digital Ground
17
TX–
Transmitter Line Driver Output
18
TX+
Transmitter Line Driver Output
19
VDD
Digital Core Power Supply, +5V Nominal
20
NC
No Connection
21
NC
No Connection
22
INT
Open Drain Interrupt Output, Active LOW.
Requires 10k
Ω pull-up resistor to V
IO.
23
NC
No Connection
24
NC
No Connection
25
BLS
Block Start I/O
26
NC
No Connection
27
U
User Data Input
28
MODE
Control Mode Input. Set MODE = 0 for
Software Mode operation.
PIN CONFIGURATION: Hardware Mode (MODE = 1)
Top View
TSSOP
PIN DESCRIPTIONS: Hardware Mode
PIN
NAME
PIN DESCRIPTION
1
CSS
Channel Status Data Mode Input
2
COPY/C
Copy Protect Input or Channel Status Se-
rial Data Input
3
L
Generation Status Input
4
CLK1
Master Clock Rate Selection Input
5
CLK0
Master Clock Rate Selection Input
6
MCLK
Master Clock Input
7VIO
Digital I/O Power Supply, +2.7V to VDD
Nominal
8
DGND
Digital Ground
9
FMT0
Audio Data Format Control Input
10
FMT1
Audio Data Format Control Input
11
SCLK
Audio Serial Port Data Clock I/O
12
SYNC
Audio Serial Port Frame SYNC Clock I/O
13
SDATA
Audio Serial Port Data Input
14
M/S
Audio Serial Port Master/Slave Control Input
15
RST
Reset Input, Active LOW
16
DGND
Digital Ground
17
TX–
Transmitter Line Driver Output
18
TX+
Transmitter Line Driver Output
19
VDD
Digital Core Power-Supply, +5V Nominal
20
MDAT
Mono Mode Channel Data Selection Input
21
MONO
Mono Mode Enable Input, Active HIGH
22
AUDIO
Audio Data Valid Control Input, Active LOW
23
EMPH
Pre-Emphasis Status Input, Active LOW
24
BLSM
Block Start Mode Control Input
25
BLS
Block Start I/O
26
V
Validity Data Input
27
U
User Data Input
28
MODE
Control Mode Input. Set MODE = 1 for
Hardware Mode Operation.
NC
CDOUT
CCLK
CDIN
CS
MCLK
V
IO
DGND
RXP
NC
SCLK
SYNC
SDATA
NC
MODE
U
NC
BLS
NC
NC
INT
NC
NC
V
DD
TX+
TX–
DGND
RST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DIT4192
CSS
COPY/C
L
CLK1
CLK0
MCLK
V
IO
DGND
FMT0
FMT1
SCLK
SYNC
SDATA
M/S
MODE
U
V
BLS
BLSM
EMPH
AUDIO
MONO
MDAT
V
DD
TX+
TX–
DGND
RST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DIT4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com