Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT4192IPW Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192IPW
Description  192kHz Digital Audio Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIT4192IPW Datasheet(HTML) 17 Page - Texas Instruments

Back Button DIT4192IPW Datasheet HTML 13Page - Texas Instruments DIT4192IPW Datasheet HTML 14Page - Texas Instruments DIT4192IPW Datasheet HTML 15Page - Texas Instruments DIT4192IPW Datasheet HTML 16Page - Texas Instruments DIT4192IPW Datasheet HTML 17Page - Texas Instruments DIT4192IPW Datasheet HTML 18Page - Texas Instruments DIT4192IPW Datasheet HTML 19Page - Texas Instruments DIT4192IPW Datasheet HTML 20Page - Texas Instruments DIT4192IPW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DIT4192
17
SBOS229B
www.ti.com
FIGURE 10. Typical Circuit Configuration, Software Mode.
CHANNEL STATUS BUFFER TRANSFER INTERRUPT
This interrupt occurs when a channel status buffer transfer
has been completed. The buffer transfer process was de-
scribed in detail in the previous section of this data sheet.
This interrupt may be used by the host to trigger an event to
occur after a channel status buffer update. The BTI bit in
status register 04H is used to indicate the occurrence of the
buffer transfer. The BTI bit, like all other status bits, is active
high and remains set until the status register is read.
DATA SLIP AND BLOCK START INTERRUPTS
Unlike the BTI interrupt, which has only one function, the
TSLIP interrupt can be set to one of two modes. This is
accomplished using the BSSL bit in control register 05H.
When BSSL = 0, the TSLIP interrupt is set to indicate a data
slip condition. When BSSL = 1, the TSLIP interrupt is set to
indicate a block start condition. The TSLIP bit, like all other
status bits, is active high and remains set until the status
register is read.
A data slip condition may occur in cases where the master
clock, MCLK (pin 6), is asynchronous to the audio data
source. When BSSL = 0, the TSLIP bit will be set to 1 every
time a data sample is dropped or repeated.
A block start condition occurs when a block start signal is
generated either internally by the DIT4192, or when an
external block start is received at the BLS input (pin 25).
APPLICATIONS INFORMATION
This section provides practical information pertinent for de-
signing the DIT4192 into a target application. Circuit sche-
matics are provided as needed.
TYPICAL APPLICATION DIAGRAMS
Figures 10 and 11 illustrate the typical application schemat-
ics for the DIT4192 when used in Software and Hardware
modes. Figure 10 shows a typical Software mode applica-
tion, where a microprocessor or DSP interface is used to
communicate with the DIT4192 via the serial control port.
See Figure 11 for a typical Hardware mode configuration,
where the control pins are either hardwired or driven by
digital logic in a stand-alone application.
The recommended component values for power-supply by-
pass capacitors are shown in Figures 10 and 11. These
capacitors should be located as close to the DIT4192 power-
supply pins as physically possible.
TX+
TX–
V
IO
DGND
V
DD
DGND
18
17
7
8
19
16
RXP
SCLK
SYNC
SDATA
CS
CCLK
CDIN
CDOUT
INT
BLS
U
RST
MCLK
MODE
9
11
12
13
5
3
4
2
22
25
27
15
6
28
DIT4192
Digital Audio
Source
(A/D Converter,
DSP)
From AES-3
Encoded Data
Source
(Optional)
µP or DSP
Audio Master
Clock
C
1
C
2
+2.7V to V
DD
+5V
C
1 = C2 = 0.1µF to 1µF
Cable or
Fiber Optics
Output
Circuit
(See Figs. 12-14)
V
IO
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com