Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT4192IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192IPW
Description  192kHz Digital Audio Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIT4192IPW Datasheet(HTML) 3 Page - Texas Instruments

  DIT4192IPW Datasheet HTML 1Page - Texas Instruments DIT4192IPW Datasheet HTML 2Page - Texas Instruments DIT4192IPW Datasheet HTML 3Page - Texas Instruments DIT4192IPW Datasheet HTML 4Page - Texas Instruments DIT4192IPW Datasheet HTML 5Page - Texas Instruments DIT4192IPW Datasheet HTML 6Page - Texas Instruments DIT4192IPW Datasheet HTML 7Page - Texas Instruments DIT4192IPW Datasheet HTML 8Page - Texas Instruments DIT4192IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DIT4192
3
SBOS229B
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VDD = +5V, and VIO = 3.3V unless otherwise noted.
DIT4192IPW
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL CHARACTERISTICS
Applies to All Digital I/O Except TX+ and TX–
High-Level Input Voltage, VIH
0.7 • VIO
VIO
V
Low-Level Input Voltage, VIL
0
0.2 • VIO
V
High-Level Output Voltage, VOH
IO = –4mA
0.8 • VIO
V
Low-Level Output Voltage, VOL
IO = +4mA
0
0.1 • VIO
V
Input Leakage Current
110
µA
OUTPUT DRIVER CHARACTERISTICS
Applies Only to TX+ and TX–
High-Level Output Voltage, VOH
IO = –30mA
VDD – 0.7
VDD – 0.4
VDD
V
Low-Level Output Voltage, VOL
IO = +30mA
0
0.4
0.7
V
SWITCHING CHARACTERISTICS
Master Clock and Reset
Master Clock (MCLK) Frequency
25
MHz
Master Clock (MCLK) Duty Cycle
40
60
%
Reset (RST) Active Low Pulse Width
500
ns
Serial Control Port Timing
CCLK Frequency
Stereo Mode
fS = Sampling Frequency
128 • fS
MHz
Mono Mode
fS = Sampling Frequency
64 • fS
MHz
Serial Control Data Setup Time, tSDS
12
ns
Serial Control Data Hold Time, tSDH
8ns
CS Falling to CCLK Rising, tCSCR
15
ns
CCLK Falling to CS Rising, tCFCS
12
ns
CCLK Falling to CDOUT Data Valid, tCFDO
12
ns
CS Rising to CDOUT High Impedance, tCSZ
10
ns
Audio Serial Interface Timing
SYNC Frequency (or Frame Rate)
195.3050
kHz
SYNC Clock Period tSYNCP
5.12
µs
SYNC High/Low Pulse Width, tSYNCHL
2.56
µs
SCLK Frequency
25
MHz
SCLK Clock Period, tSCLKP
40
ns
SCLK High/Low Pulse Width, tSCLKHL
18
ns
SYNC Edge to SCLK Edge, tSYSK
15
ns
Audio Data Setup Time, tADS
15
ns
Audio Data Hold Time, tADH
15
ns
C, U, and V Input Timing
C/U/V Data Setup Time, tCUVS
15
ns
C/U/V Data Hold Time, tCUVH
15
ns
POWER-SUPPLY
Operating Voltage
VDD
+4.5
+5
+5.5
V
VIO
+2.7
VDD
V
Supply Current
IDD, Quiescent
VDD = +5V
25
µA
IDD, Power-Down Mode
VDD = +5V
2
µA
IDD, Dynamic (at 192kHz operation)
VDD = +5V
30
mA
IIO, Quiescent
VIO = +3.3V
15
µA
IIO, Power-Down Mode
VIO = +3.3V
15
µA
IIO, Dynamic (at 192kHz operation)
VIO = +3.3V
1.5
mA
IIO, Power-Down Mode
VIO = +5V
250
µA
IIO, Quiescent
VIO = +5V
250
µA
IIO, Dynamic (at 192kHz operation)
3mA
Power Dissipation
PD, Quiescent
VDD = +5V
100
µW
PD, Power-Down Mode
VDD = +5V
100
µW
PD, Dynamic (at 192kHz operation)
VDD = +5V
175
mW
TEMPERATURE RANGE
Operating Range
–40
+85
°C
Storage Range
–55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com