Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # HC49
Description  Quartz Crystal Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  HC49 Datasheet HTML 1Page - IQD Frequency Products Ltd HC49 Datasheet HTML 2Page - IQD Frequency Products Ltd HC49 Datasheet HTML 3Page - IQD Frequency Products Ltd HC49 Datasheet HTML 4Page - IQD Frequency Products Ltd HC49 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HC49
Quartz Crystal Specification
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Tape & ammo in accordance with
EIA-468-C
Pack Style: Ammo
Pack Size: 1,000
Tape & reel in accordance with EIA-468-C
Pack Style: Reel
Pack Size: 1,000
Outline (mm) -3L/TW = 3 Lead and Top Wire
Outline (mm) -SL = Sleeve
Printed on 11 Jul 16 9:33 using Model Data Sheet V1.2550
Page 2 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com