Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 4 Page - IQD Frequency Products Ltd

Part # HC49
Description  Quartz Crystal Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49 Datasheet(HTML) 4 Page - IQD Frequency Products Ltd

  HC49 Datasheet HTML 1Page - IQD Frequency Products Ltd HC49 Datasheet HTML 2Page - IQD Frequency Products Ltd HC49 Datasheet HTML 3Page - IQD Frequency Products Ltd HC49 Datasheet HTML 4Page - IQD Frequency Products Ltd HC49 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HC49
Quartz Crystal Specification
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability*
Over Tone Order
ESR
°C
ppm
Ω
1.8432MHz
1.999999MHz
0 to 50
Fundamental
800
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±50
-55 to 125
±100
2.0MHz
2.999999MHz
0 to 50
Fundamental
600
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±50
-55 to 125
±100
3.0MHz
3.999999MHz
0 to 50
Fundamental
150
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±50
-55 to 125
±100
4.0MHz
6.999999MHz
0 to 50
Fundamental
100
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±50
-55 to 125
±100
7.0MHz
9.999999MHz
0 to 50
Fundamental
50
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±50
-55 to 125
±100
10.0MHz
36.0MHz
0 to 50
Fundamental
35
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±50
-55 to 125
±100
21.0MHz
90.0MHz
0 to 50
3rd Overtone
40
±15
-10 to 60
±20
-20 to 70
±20
Printed on 11 Jul 16 9:33 using Model Data Sheet V1.2550
Page 4 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com