Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # HC49
Description  Quartz Crystal Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  HC49 Datasheet HTML 1Page - IQD Frequency Products Ltd HC49 Datasheet HTML 2Page - IQD Frequency Products Ltd HC49 Datasheet HTML 3Page - IQD Frequency Products Ltd HC49 Datasheet HTML 4Page - IQD Frequency Products Ltd HC49 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HC49
Quartz Crystal Specification
ISSUE 15; July 2016
Outline (mm) Standard 2 leg HC49 package
Outline (mm) -3L = 3 Lead
Description
Industry standard leaded package
Resistance welded, hermetically sealed in an inert
atmosphere, glass to metal seals on leads
Variants available include but are not limited to:-
3L = an additional centre mounted leg grounds the can
TW = an additional top mounted leg grounds the can
T = a truncated height of 11.1mm
Please see our HC49 Gull-Wing for a SMD alternative
Please contact our sales offices for more options
Frequency Parameters
Frequency
1.8432MHz to 270.0MHz
±5.00ppm to ±100.00ppm
Frequency Tolerance
Frequency Stability
±5.00ppm to ±200.00ppm
±3ppm typical per year
Ageing
Electrical Parameters
10.0pF to 75.0pF
Load Capacitance
7pF max
Shunt Capacitance
1mW max
Drive Level
Operating Temperature Ranges
0 to 50°C
-10 to 60°C
-20 to 70°C
-30 to 80°C
-40 to 85°C
-55 to 105°C
-55 to 125°C
Environmental Parameters
Shock: 981m/s², 6ms, 3 times in each of 3 mutually
perpendicular planes
Vibration: 10Hz-60Hz, 0.75mm amplitude, 60Hz-500Hz,
98.1m/s², 30mins in 3 mutually perpendicular planes
Storage Temperature Range: -55 to 125°C
Ordering Information
Frequency*
Model*
Frequency Tolerance (@25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance*
Overtone*
Example:
10.0MHz HC49
50/50/–40 to 85C/10 FUND
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 11 Jul 16 9:33 using Model Data Sheet V1.2550
Page 1 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HC49 HITACHI-HC49 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
4SMX IQD-4SMX Datasheet
250Kb / 2P
Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
Quartz Crystal Specification
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
Quartz Crystal Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com