Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMF Datasheet(PDF) 9 Page - Microchip Technology

Part # TC72-5.0MMF
Description  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMF Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC72-5.0MMF Datasheet HTML 5Page - Microchip Technology TC72-5.0MMF Datasheet HTML 6Page - Microchip Technology TC72-5.0MMF Datasheet HTML 7Page - Microchip Technology TC72-5.0MMF Datasheet HTML 8Page - Microchip Technology TC72-5.0MMF Datasheet HTML 9Page - Microchip Technology TC72-5.0MMF Datasheet HTML 10Page - Microchip Technology TC72-5.0MMF Datasheet HTML 11Page - Microchip Technology TC72-5.0MMF Datasheet HTML 12Page - Microchip Technology TC72-5.0MMF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2011 Microchip Technology Inc.
DS21743B-page 9
TC72
3.0
PIN DESCRIPTION
Pin functionalities are described in Table 3-1.
3.1
No Connection (NC)
This pin is not internally connected to the die.
3.2
Serial Clock Input (SCK)
The SCK pin is an Input pin. All communication and
timing is relative to the signal on this pin. The clock is
generated by the host controller on the SPI bus (see
Section 4.3 “Serial Bus Interface”).
3.3
Chip Enable Input (CE)
The CE is a Chip Enable pin. This is an active high
input, therefore the device is enabled when CE is
toggled to VDD. Once the device is enabled, all serial
communication begins (see Section 4.3 “Serial Bus
Interface”).
3.4
Ground (GND)
The GND is the system Ground pin.
3.5
Serial Data Input (SDI)
The SDI is a Data Input pin, used to transmit data from
the host to the device (see Section 4.3 “Serial Bus
Interface”).
3.6
Serial Data Output (SDO)
The SDO is a Data Output pin, used to transmit data
from the device to the host (see Section 4.3 “Serial
Bus Interface”).
3.7
Power Supply (VDD)
VDD is the Power pin. The operating voltage range, as
specified in the DC electrical specification table, is
applied on this pin.
3.8
Exposed Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the GND pin; they can
be connected to the same potential on the Printed
Circuit Board (PCB). This provides better thermal
conduction from the PCB to the die.
TABLE 3-1:
PIN FUNCTION TABLE
TC72
Symbol
Function
3x3 DFN
MSOP
1
1
NC
No internal connection
2
3
SCK
Serial Clock input
3
2
CE
Chip Enable input, the device is selected when this input is high
4
4
GND
Ground
5
6
SDI
Serial Data input
6
5
SDO
Serial Data output
7
7
NC
No internal connection
88
VDD
Power supply
9
—
EP
Exposed pad (Ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com