Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMF Datasheet(PDF) 14 Page - Microchip Technology

Part # TC72-5.0MMF
Description  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMF Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC72-5.0MMF Datasheet HTML 10Page - Microchip Technology TC72-5.0MMF Datasheet HTML 11Page - Microchip Technology TC72-5.0MMF Datasheet HTML 12Page - Microchip Technology TC72-5.0MMF Datasheet HTML 13Page - Microchip Technology TC72-5.0MMF Datasheet HTML 14Page - Microchip Technology TC72-5.0MMF Datasheet HTML 15Page - Microchip Technology TC72-5.0MMF Datasheet HTML 16Page - Microchip Technology TC72-5.0MMF Datasheet HTML 17Page - Microchip Technology TC72-5.0MMF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC72
DS21743B-page 14
© 2011 Microchip Technology Inc.
FIGURE 4-3:
Serial Interface Timing Diagrams (CP=0).
A
1
SCK
SDI
SDO
High Z
A7=1
CE
Single Byte Write Operation
(CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=1)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
A
A
A
A
A
A
D
D
D
D
D
D
D
D
7
6543
21076
543
2
1
0
MSb
LSb
Single Byte Read Operation
(CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=0)
CE
A
1
SCK
SDI
A7=0
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
A
A
A
A
A
A
D
D
SDO
High Z
High Z
7
6543
210
MSb
LSb
70
SPI Multiple Byte Transfer
CE
SCK
Write Operation
(CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=1)
SDI
Address Byte = 80hex
High Z
SDO
Control Byte
A7
A0
D7
D0
Read Operation
(CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=0)
SDI
SDO
High Z
High Z
MSB Temp. Byte
LSB Temp. Byte
Address Byte = 02hex
Control Byte
A7
A0
D7
D0
D7
D0
D7
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com