Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMF Datasheet(PDF) 15 Page - Microchip Technology

Part # TC72-5.0MMF
Description  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMF Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC72-5.0MMF Datasheet HTML 11Page - Microchip Technology TC72-5.0MMF Datasheet HTML 12Page - Microchip Technology TC72-5.0MMF Datasheet HTML 13Page - Microchip Technology TC72-5.0MMF Datasheet HTML 14Page - Microchip Technology TC72-5.0MMF Datasheet HTML 15Page - Microchip Technology TC72-5.0MMF Datasheet HTML 16Page - Microchip Technology TC72-5.0MMF Datasheet HTML 17Page - Microchip Technology TC72-5.0MMF Datasheet HTML 18Page - Microchip Technology TC72-5.0MMF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2011 Microchip Technology Inc.
DS21743B-page 15
TC72
5.0
INTERNAL REGISTER
STRUCTURE
TC72 registers are listed below.
TABLE 5-1:
REGISTERS FOR TC72
5.1
Control Register
The Control register is both a read and a write register
that is used to select either the Shutdown, Continuous
or One-Shot Conversion operating mode. The Temper-
ature Conversion mode selection logic is shown in
Table 5-2. The Shutdown (SHDN) bit is stored in bit 0
of the Control register. If SHDN is equal to ‘1’, TC72 will
go into power-saving Shutdown mode. If SHDN is
equal to ‘0’, TC72 will perform a temperature
conversion approximately every 150 ms.
At power-up, the SHDN bit is set to ‘1’. Thus, TC72 is
in Shutdown operating mode at startup. Continuous
Temperature Conversion mode is selected by writing a
‘0’ to the SHDN bit of the Control register.
Shutdown mode can be used to minimize the power
consumption
of
TC72
when
active
temperature
monitoring is not required. The Shutdown mode
disables
the
temperature
conversion
circuitry;
however, the serial I/O communication port remains
active. A temperature conversion will be initialized by a
Write operation to the Control register to select either
the Continuous Temperature Conversion or the One-
Shot operating mode. The temperature data will be
available in the MSB and LSB Temperature registers
approximately 150 ms after the Control register Write
operation.
One-Shot mode is selected by writing a ‘1’ into bit 4 of
the Control register. The One-Shot mode performs a
single temperature measurement and returns to the
power-saving Shutdown mode. After completion of the
temperature conversion, the One-Shot bit (OS) is reset
to ‘0’ (i.e. “OFF”). The user must set the One-Shot bit
to ‘1’ to initiate another temperature conversion.
Bits 1, 3, 5, 6 and 7 of the Control register are not used
by TC72. Bit 2 is set to a logic ‘1’. Any write operation
to these bit locations will have no affect on the
operation of TC72.
5.2
Temperature Register
The Temperature register is a read-only register and
contains a 10-bit two’s complement representation of
the temperature measurement. Bit 0 through Bit 5 of
the LSB Temperature register are always set to a logic
‘0’.
At Power-On Reset (POR) or a Brown-Out Reset
(BOR) low voltage occurrence, the temperature regis-
ter is reset to all zeroes, which corresponds to a tem-
perature value of 0°C. A VDD power supply less than
1.6V is considered a reset event and will reset the
Temperature register to the power-up state.
5.3
Manufacturer ID Register
The Manufacturer Identification (ID) register is a read-
only register used to identify the temperature sensor as
a Microchip component.
TABLE 5-2:
CONTROL REGISTER TEMPERATURE CONVERSION MODE SELECTION
Register
Read
Address
Write
Address
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Value on
POR/BOR
Control
00hex
80hex
00
0
One-Shot
(OS)
01
0
Shutdown
(SHDN)
05hex
LSB Temperature
01hex
N/A
T1
T0
0
0
00
0
0
00hex
MSB Temperature
02hex
N/A
T9
T8
T7
T6
T5 T4 T3
T2
00hex
Manufacturer ID
03hex
N/A
01
0
1
0
1
0
0
54hex
Operational Mode
One-Shot (OS) Bit 4
Shutdown (SHDN) Bit 0
Continuous Temperature Conversion
00
Shutdown
01
Continuous Temperature Conversion
(One-Shot Command is ignored if SHDN = ‘0’)
10
One-Shot
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com