Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2853 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM3P2853
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2853 Datasheet(HTML) 1 Page - ON Semiconductor

  ASM3P2853_12 Datasheet HTML 1Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 2Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 3Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 4Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 5Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 6Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ASM3P2853A
Peak EMI Reducing Solution
©2010 SCILLC. All rights reserved.
Publication Order Number:
FEBRUARY 2012 – Rev. 3
ASM3P2853/D
Features
• Generates an EMI optimized clock signal at output.
• Input frequency: 25MHz.
• Frequency outputs:
o
USB Clock (48MHz unmodulated)
o
50MHz (modulated), ±1% centre spread
• Modulation rate: 39KHz.
• Spread Spectrum ON/OFF control
• Supply voltage range 2.5V ± 5%.
• Available in 8-Pin SOIC package.
Product Description
The ASM3P2853A is a versatile spread spectrum
frequency
modulator.
The
ASM3P2853A
reduces
electromagnetic interference (EMI) at the clock source.
The ASM3P2853A allows significant system cost savings
by reducing the number of circuit board layers and
shielding that are required to pass EMI regulations. The
ASM3P2853A modulates the output of PLL in order to
spread the bandwidth of a synthesized clock, thereby
decreasing the peak amplitudes of its harmonics. This
results in significantly lower system EMI compared to the
typical narrow band signal produced by oscillators and
most clock generators. Lowering EMI by increasing a
signal’s bandwidth is called spread spectrum clock
generation.
Applications
ASM3P2853A is targeted towards EMI management for
high speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
VSS
VDD
Crystal
Oscillator
50MHz
Modulated
XIN
XOUT
USB Clock
(48MHz
Unmodulated)
PLL1
PLL2
PWDNB
SSONB


Similar Part No. - ASM3P2853_12

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2853A PULSECORE-ASM3P2853A Datasheet
160Kb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2853A ONSEMI-ASM3P2853A Datasheet
142Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2853AF-08-SR ALSC-ASM3P2853AF-08-SR Datasheet
2Mb / 8P
Peak EMI Reducing Solution
ASM3P2853AF-08-ST ALSC-ASM3P2853AF-08-ST Datasheet
2Mb / 8P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2853_12

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A_11 Datasheet
107Kb / 6P
Peak EMI Reducing Solution
August, 2011 ??Rev. P2
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com