Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2853 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P2853
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2853 Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P2853_12 Datasheet HTML 1Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 2Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 3Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 4Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 5Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 6Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ASM3P2853A
Rev. 2 | Page 3 of 7 | www.onsemi.com
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Symbol
Condition / Description
Min
Typ
Max
Unit
Supply Voltage
VDD
2.5V ± 5%
2.375
2.5
2.625
V
Ambient Operating
Temperature Range
TA
-40
-
+85
°C
Crystal Resonator Frequency
FXIN
25
MHz
Output Driver Load Capacitance
CL
-
-
15
pF
Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
25MHz
Frequency tolerance
±50ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25
Note: CY is Load Capacitance and Rx is used to prevent oscillations at overtone frequency of the Fundamental frequency.
Typical Crystal Interface Circuit
CY = 2*(CP – CS),
Where CP = Load capacitance of crystal from crystal vendor datasheet
CS = Stray capacitance due to CIN, PCB, Trace etc.
CY
Rx
CY
Crystal
R
XIN
XOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com