Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2853 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2853
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2853 Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2853_12 Datasheet HTML 1Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 2Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 3Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 4Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 5Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 6Page - ON Semiconductor ASM3P2853_12 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASM3P2853A
Rev. 2 | Page 4 of 7 | www.onsemi.com
DC Electrical Characteristics
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
Overall
Supply Current,
Dynamic
IDD
VDD = 2.5V, FXIN = 25MHz, CL = 15pF
7
13
20
mA
Supply Current,
Static
IDDL
VDD = 2.5V, XIN = 0, PWDNB = 0
-
12
-
uA
All input pins
High-Level Input
Voltage
VIH
VDD = 2.5V
1.7
-
-
V
Low-Level Input
Voltage
VIL
VDD = 2.5V
-
-
0.7
V
High-Level Input
Current
IIH
-
-
25
µA
Low-Level Input
Current (pull-up)
IIL
-
-
-25
µA
Clock Outputs
High-Level Output
Source Current
IxOH
VDD = 2.5V ,V(XIN) = 0, VO = 2V
-
-15
-
mA
Low-Level Output
Sink Current
IxOL
VDD = V(XIN) = 2.5V, VO = 0.4V
-
15
-
mA
High-Level Output
Source Current
IOH
VO = 2V
-
8
-
mA
Low-Level Output
Sink Current
IOL
VO = 0.4V
-
8
-
mA
Output Impedance
ZO
-
42
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com