Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD791 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD791
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD791 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD791 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD791 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BD791
DESCRIPTION
·
High Collector–Emitter Sustaining Voltage —
VCEO(sus) = 100 Vdc (Min)
•
High DC Current Gain @ IC = 200 mAdc
hFE = 40–250
•
Low Collector–Emitter Saturation Voltage —
VCE(sat) = 0.5 Vdc (Max) @ IC = 500 mAdc
•
APPLICATIONS
·
Designed for low power audio amplifier and low current,
high-speed switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-Peak
8
A
IB
Base Current-Continuous
1
A
PC
Collector Power Dissipation
@ TC=25℃
15
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
8.34
℃
/W


Similar Part No. - BD791

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD791 ONSEMI-BD791 Datasheet
106Kb / 6P
POWER TRANSISTOR SILICON
logo
New Jersey Semi-Conduct...
BD791 NJSEMI-BD791 Datasheet
109Kb / 2P
Complementary Plastic Silicon Power Transistors
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
BD79104MUF-ME2 ROHM-BD79104MUF-ME2 Datasheet
1Mb / 25P
Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
BD79124MUF-C ROHM-BD79124MUF-C Datasheet
1Mb / 43P
Successive Approximation A/D Converter 12 bit, 8-channel, I2C Interface
23.Jul.2024 Rev.001
More results

Similar Description - BD791

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com