Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DP1
Description  DisplayPortTM Standard Digital Interface Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DP1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DP1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MB-0192-1
2/12
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
SJ Drawing No.
Board-side Receptacle
Spec:JACS-30115-1
DisplayPort to DisplayPort Cable
3m, with latch
-
DP to DP
30
DP1P020ST3300LB
SJ108712
3m, with latch
-
DP to DP
32
DP1P020ST2300LB
SJ108713
3m and 2m, without latch
-
DP to DP
30
DP1P020ST3xxxB
Under
consideration
3m and 2m, without latch
-
DP to DP
32
DP1P020ST2xxxB
Under
consideration
-
-
-
HBR
-
Type
-
DP to FI-X
-
DDM cable
Under
consideration
-
DP to DP
-
Long cable
Under
consideration
-
32
30
AWG
DP to DP
DP to DP
DP to DP
Product type
Halogen-free cable
DP1P020ST2200LB
DP1P020ST3200LB
Part No.
2m, with latch
SJ108713
-
Under
consideration
2m, with latch
SJ108712
Remarks
Drawing No.
Strong Shell
No
SMT
DP1RD20JQ4
SJ108564
STD
No
T/H
DP1RD20NQ1
SJ108350
Ni
Shell
plating
No
No
No
Flange
T/H
SMT
SMT
Mounting
Horizontal
Connection
style
Reverse
DP1RD20Nxx
Under
consideration
DP1RD20JQ2
DP1RD20JQ1
Part No.
Reverse
SJ108341
STD
SJ108326
Remarks
Drawing No.
Sn
Shell
plating
No
Yes
No
No
Flange
T/H
SMT
SMT
SMT
Mounting
Horizontal
Connection
style
Flange M3 X 0.5
DP1R020JQ3
SJ108218
STD
DP1R020NQ1
SJ108348
DP1R020JQ2
DP1R020JQ1
Part No.
Reverse
SJ108343
STD
SJ107860
Remarks
Drawing No.
Remarks
Flange
Mounting
Connection
style
Shell
plating
Part No.
Drawing No.
Ni
No
SMT
Vertical
DP1RD20xxx
-
Under
consideration
DP1P020ST2200LB is HBR: Product passed 2.7Gbps compliance testing.
Board-side Receptacle
Spec:JACS-30115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com