Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 11 Page - Japan Aviation Electronics Industry, Ltd.

Part # DP1
Description  DisplayPortTM Standard Digital Interface Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DP1 Datasheet(HTML) 11 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DP1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MB-0192-1
11/12
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
DP Cable Adapters
Under
development
Under
development
Under
development
Development
status
Under
development
Under
development
Under
development
Drawing No.
-
DP source to HDMI
-
DP source to VGA
DVI is single link
DP source to DVI-D
Remarks
Product type
Features
DP Cable Adapters
-Adapter to connect DisplayPort connector to devices compatible with general
interface connectors such as DVI, HDMI, VGA, etc.
-Static electricity countermeasure, IEC61000-4-2 level 4 (8kV contact discharge).
-EMI countermeasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com