Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DP1
Description  DisplayPortTM Standard Digital Interface Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DP1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DP1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DP1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/12
MB-0192-1
October 2008
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Features
DP1 Series
DisplayPortTM Standard Digital Interface Connector
General Specifications
No. of Contacts: 20 pos.
Contact Resistance:
Contact area --- 50m ohm max.
Shell area
--- 30m ohm max.
Dielectric Withstanding Voltage :
AC 500V rms per minute
Receptacle is available in reverse SMT type for reverse mounting, angle SMT with
flange, standard angle SMT(mating height 6.5mm, thickest area 6.65mm), and angle
through-hole types (soldered terminal area 1.9mm, applicable board thickness t1.6).
Reinforced-type receptacle available with enhanced metal shell structure, robust
against rough handling of cable during mating and unmating (DP1RD20JQ4).
Excellent transmission with three-row footprint for through-hole type receptacle.
Plugs are available as part of cables in 12.2mm height with latch (mechanical lock) for
increased retention, and 10mm height slim type without latch.
Cable assembly passed compliance test certification by VESA. (2m, 32 AWG)
Nickel and tin plating available for receptacle shell. With 0.3um min. gold plating for
contact.
The DP1 Series is a high speed differential transmission board-to-cable connector
compatible with the Display Port v1.1a, the VESA standardized next-generation digital
display interface.
*VESA (Video Electronics Standard Association)
RoHS Compliant
Applicable Markets
Desktop PC, notebook PC, LCD monitor, graphic board, LCD projector,
LCD television, PDP, etc.
Rated Current: 0.5A per contact
Insulation Resistance: 100M ohm min.
(after test)
Mating Cycles: 10,000 times
Operating Temperature:
-20 Deg. C to +85 Deg. C


Similar Part No. - DP1

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP1 GRAYHILL-DP1 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
Copal Electronics
DP1 COPAL-DP1 Datasheet
715Kb / 5P
Directing Switches
logo
Multicomp Pro
DP1 MULTICOMP-DP1 Datasheet
129Kb / 1P
Terminal Block 2.5㎟
05/06/20 V1.0
logo
List of Unclassifed Man...
DP10 ETC2-DP10 Datasheet
166Kb / 1P
Use recommendations for machines
logo
AUK corp
DP100 AUK-DP100 Datasheet
83Kb / 3P
PNP Silicon Transistor
More results

Similar Description - DP1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DVISL241 ADAM-TECH-DVISL241 Datasheet
132Kb / 1P
DVI CONNECTOR DIGITAL VIDEO INTERFACE
logo
Japan Aviation Electron...
DC1 JAE-DC1 Datasheet
333Kb / 9P
HDMI Standard Digital Interface Connector
logo
ON Semiconductor
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
NCT75 ONSEMI-NCT75 Datasheet
144Kb / 16P
Industry Standard Digital Temperature Sensor with 2?릛ire Interface
May, 2014 ??Rev. 6
logo
Adam Technologies, Inc.
DVI-SL-24-1 ADAM-TECH-DVI-SL-24-1 Datasheet
92Kb / 1P
DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2 ADAM-TECH-DVI-ST-24-2 Datasheet
133Kb / 1P
DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2-01 ADAM-TECH-DVI-ST-24-2-01 Datasheet
90Kb / 1P
DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2-368 ADAM-TECH-DVI-ST-24-2-368 Datasheet
87Kb / 1P
DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2-JS ADAM-TECH-DVI-ST-24-2-JS Datasheet
135Kb / 1P
DVI CONNECTOR DIGITAL VIDEO INTERFACE
logo
ON Semiconductor
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com