Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM169 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM169
Description  Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM169 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM169 Datasheet HTML 1Page - National Semiconductor (TI) LM169 Datasheet HTML 2Page - National Semiconductor (TI) LM169 Datasheet HTML 3Page - National Semiconductor (TI) LM169 Datasheet HTML 4Page - National Semiconductor (TI) LM169 Datasheet HTML 5Page - National Semiconductor (TI) LM169 Datasheet HTML 6Page - National Semiconductor (TI) LM169 Datasheet HTML 7Page - National Semiconductor (TI) LM169 Datasheet HTML 8Page - National Semiconductor (TI) LM169 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Typical Performance Characteristics (Note 1)
Voltage and Temperature
Quiescent Current vs Input
Mode Sourcing Current)
Output Current (Series
Dropout Voltage vs
Output Current
Output Change vs
vs Frequency
Output Impedance
vs Frequency
Ripple Rejection
Start-up Response
TLH9110 – 6
Output Noise vs Frequency
TLH9110 – 24
Output Noise vs Filter
Capacitor
TLH9110 – 25
Coefficient Specified
LM169 Temperature
Temperatures (see Note 6)
TLH9110 – 26
Coefficient Specified
LM369 Temperature
Temperatures (see Note 6)
TLH9110 – 27
Typical Temperature Coefficient Calculations
LM169 (see curve above)
TC e 16 mV(180 c 10V)
e
89 c 10b7 e 089 ppm C
LM369 (see curve at left)
TC e 05 mV(75 c 10V)
e
67 c 10b7 e 067 ppm C
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com