Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM169 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM169
Description  Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM169 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM169 Datasheet HTML 1Page - National Semiconductor (TI) LM169 Datasheet HTML 2Page - National Semiconductor (TI) LM169 Datasheet HTML 3Page - National Semiconductor (TI) LM169 Datasheet HTML 4Page - National Semiconductor (TI) LM169 Datasheet HTML 5Page - National Semiconductor (TI) LM169 Datasheet HTML 6Page - National Semiconductor (TI) LM169 Datasheet HTML 7Page - National Semiconductor (TI) LM169 Datasheet HTML 8Page - National Semiconductor (TI) LM169 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH9110
December 1994
LM169LM369 Precision Voltage Reference
General Description
The LM169LM369 are precision monolithic temperature-
compensated voltage references They are based on a bur-
ied zener reference as pioneered in the LM199 references
but do not require any heater as they rely on special tem-
perature-compensation techniques (Patent Pending) The
LM169 makes use of thin-film technology enhanced by the
discrete laser trimming of resistors to achieve excellent
Temperature coefficient (Tempco) of Vout (as low as 1
ppm C) along with tight initial tolerances (as low as 005%
max) The trim scheme is such that individual resistors are
cut open rather than being trimmed (partially cut) to avoid
resistor drift caused by electromigration in the trimmed area
The LM169 also provides excellent stability vs changes in
input voltage and output current (both sourcing and sinking)
The devices have a 10000V output and will operate in ei-
ther series or shunt mode the output is short-circuit-proof to
ground A trim pin is available which permits fine-trimming of
Vout and also permits filtering to greatly decrease the out-
put noise by adding a small capacitor (005 to 05 mF)
Features
Y
Low Tempco
3 ppm C (max)
Y
Excellent initial accuracy
g
5 mV (max)
Y
Excellent line regulation
4 ppmV (max)
Y
Excellent output impedance
g
08X (max)
Y
Excellent thermal regulation
g
20 ppm100 mW (max)
Y
Low noise
Y
Easy to filter output noise
Y
Operates in series or shunt mode
Applications
Y
High-Resolution Data Acquisition Systems
Y
Digital volt meters
Y
Weighing systems
Y
Precision current sources
Y
Test Equipment
Connection Diagrams
Metal Can Package (H)
TLH9110 – 1
Top View
(Case is connected to ground)
Do not connect internal connection for factory trims
Order Number LM169H LM169BH
LM169H883 LM369H or LM369BH
See NS Package Number H08C
Dual-In-Line Package (N)
or SO Package (M)
TLH9110 – 5
Top View
Order Number LM369DM LM369DMX
LM369N
LM369BN LM369CN or LM369DN
See NS Package Number M08A or N08E
X denotes 2500 units on Tape and Reel and is not included in the device
part number marking
TO-226 Plastic Package (RC)
TLH9110 – 28
Bottom View
Order Number LM369DRC
See NS Package Number RC03A
Teflon
and Mylar
are registered trademarks of EI DuPont Corp
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM169

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM16 CREE-LM16 Datasheet
387Kb / 3P
LED MR16 Lamp
01/04/2013
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
SEMTECH ELECTRONICS LTD...
LM160 SEMTECH_ELEC-LM160 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM160 TI1-LM160 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
LM160 TI1-LM160 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
More results

Similar Description - LM169

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE117 CIRRUS-VRE117 Datasheet
766Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com