Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM169 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM169
Description  Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM169 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM169 Datasheet HTML 1Page - National Semiconductor (TI) LM169 Datasheet HTML 2Page - National Semiconductor (TI) LM169 Datasheet HTML 3Page - National Semiconductor (TI) LM169 Datasheet HTML 4Page - National Semiconductor (TI) LM169 Datasheet HTML 5Page - National Semiconductor (TI) LM169 Datasheet HTML 6Page - National Semiconductor (TI) LM169 Datasheet HTML 7Page - National Semiconductor (TI) LM169 Datasheet HTML 8Page - National Semiconductor (TI) LM169 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 8)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Input Voltage (Series Mode)
35V
Reverse Current (Shunt Mode)
50 mA
Power Dissipation (Note 7)
600 mW
Storage Temperature Range
b
60 Cto a150 C
Operating Temperature Range
(Tj min to Tj max)
LM169H LM169H883
b
55 Cto a125 C
LM369
0 Cto a70 C
Soldering Information
DIP (N) or Plastic (RC) Package 10 sec
a
260 C
H08 (H) Package 10 sec
a
300 C
SO (M) Package Vapor Phase (60 sec)
a
215 C
Infrared (15 sec)
a
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ (Appendix D) for other methods of
soldering surface mount devices
ESD Tolerance
Czap e 100 pF Rzap e 15k
800V
Electrical Characteristics LM169 LM369 (Note 1)
Tested
Design
Units
Parameter
Conditions
Typical
Limits
Limit
(Max
(Notes 2 13)
(Note 3)
Unless
Noted)
Vout Nominal
a
10000
V
Vout Error
(Note 11)
50
g
500
ppm
050
g
5mV
Vout Tempco
LM169B LM369B
Tmin k Tj k Tmax
10
30
ppm C
LM169 LM369
Tmin k Tj k Tmax
27
50
ppm C
LM369C
Tmin k Tj k Tmax
6
10
ppm C
(Note 6) (Note 11)
Line Regulation
13V s VIN s 30V
20
40
80
ppmV
Load Regulation
Sourcing
0 to 10 mA
a
3
g
80
200
ppmmA
Sinking (Note 12)
0 to b10 mA
a
80
a
150
ppmmA
(Note 4 Note 9)
Thermal Regulation
(t e 10 msec
Sourcing
After Load
30
g
20
ppm100 mW
Sinking (Note 12)
is Applied)
30
ppm100 mW
(Note 5)
Supply Current
14
18
20
mA
D
Supply Current
13V s VIN s 30V
006
012
02
mA
Short Circuit
27
15
11
mA min
Current
50
65
mA max
Noise Voltage
10 Hz to 1 kHz
10
30
m
V rms
01 Hz to 10 Hz
4
m
V p-p
(10 Hz to 10 kHz
4
m
V rms
Cfilter e 01 mF)
Long-term
1000 hours
6
ppm
Stability
Tj k Tmax
(Non-Cumulative)
(Measured at
(Note 10)
a
25 C)
Temperature
D
T e 25 C
3
ppm
Hysteresis of Vout
Output Shift
1500
2600
ppm
per 1 mA at Pin 5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com