Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1818 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1818
Description  Electronically Switched Audio Tape System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1818 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1818 Datasheet HTML 3Page - National Semiconductor (TI) LM1818 Datasheet HTML 4Page - National Semiconductor (TI) LM1818 Datasheet HTML 5Page - National Semiconductor (TI) LM1818 Datasheet HTML 6Page - National Semiconductor (TI) LM1818 Datasheet HTML 7Page - National Semiconductor (TI) LM1818 Datasheet HTML 8Page - National Semiconductor (TI) LM1818 Datasheet HTML 9Page - National Semiconductor (TI) LM1818 Datasheet HTML 10Page - National Semiconductor (TI) LM1818 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Hints (Continued)
MONITOR AND RECORD AMPLIFIERS
(Figure 6)
The monitor and record amplifiers share common input and
feedback connections but have separate outputs During
playback the input signal is amplified and appears only at
the playback monitor output Because the outputs are sepa-
rate different feedback components can be used and as a
result totally different responses can be set The amplifiers
are stable for all closed loop gains above 3 and have an
open loop gain of typically 80 dB The outputs are capable
of supplying a minimum of 400 mA into a load and swing
within 500 mV of either VCC or ground If more than 400 mA
is needed to drive a load an external pull-up resistor on the
output of these amplifiers can increase the load driving ca-
pability
AUTOMATIC LEVEL CONTROLALC
(Figure 7)
The automatic level control provides a constant output level
for a wide range of record source input levels The ALC
works on the varying impedance characteristic of a saturat-
ed transistor The impedance of the saturated transistor
forms a voltage divider with the source impedance of a se-
ries resistor (R1 in
Figure 9 ) The input signal is decreased
as the ALC transistor is increasingly forward biased The
ALC transistor will be forward biased when the preampli-
fiers’s AC output (pin 14) coupled to the combination ALC-
meter drive input (pin 4) reaches 40 mV peak (25 mVrms)
The gain of the ALC loop is such that a preamp input signal
increase of 10 dB will result ina2dB increase on the AC
output of the preamplifier If greater than 25 mVrms is de-
sired at the output of the preamp a series resistor can be
added between the preamp output coupling capacitor and
the ALC input (pin 4) The input impedance of the ALC cir-
cuit is 2 kX therefore ifa2kX series resistor is added
ALC action will begin at 50 mVrms
The ALC memory capacitor connected to pin 6 has the addi-
tional function of amplifier anti-pop control for this reason it
is necessary that a capacitor be connected to pin 6 even if
ALC is not used
Record gain e 1 a
R15
R14
Playback gain e 1 a
R16
R14
TLH7894 – 8
FIGURE 6 Monitor Amplifier
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com