Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1818 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1818
Description  Electronically Switched Audio Tape System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1818 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1818 Datasheet HTML 1Page - National Semiconductor (TI) LM1818 Datasheet HTML 2Page - National Semiconductor (TI) LM1818 Datasheet HTML 3Page - National Semiconductor (TI) LM1818 Datasheet HTML 4Page - National Semiconductor (TI) LM1818 Datasheet HTML 5Page - National Semiconductor (TI) LM1818 Datasheet HTML 6Page - National Semiconductor (TI) LM1818 Datasheet HTML 7Page - National Semiconductor (TI) LM1818 Datasheet HTML 8Page - National Semiconductor (TI) LM1818 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH7894
April 1987
LM1818 Electronically Switched Audio Tape System
General Description
The LM1818 is a linear integrated circuit containing all of the
active electronics necessary for building a tape recorder
deck (excluding the bias oscillator) The electronic functions
on the chip include a microphone and playback preamplifi-
er record and playback amplifiers a meter driving circuit
and an automatic input level control circuit The IC features
complete internal electronic switching between the record
and playback modes of operation The multipole switch
used in previous systems to switch between record and
playback modes is replaced by a single pole switch thereby
allowing for more flexibility and reliability in the recorder de-
sign
Monaural operation
Figure 9
Features
Y
Electronic recordplay switching
Y
85 dB power supply rejection
Y
Motional peak level meter circuitry
Y
Low noise preamplifier circuitry
Y
35V to 18V supply operation
Y
Provision for external low noise input transistor
Typical Applications
TLH7894 – 1
FIGURE 1 Stereo Application Circuit (Left Channel Shown) VS e 15V
Order Number LM1818N
See NS Package Number N20A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1818

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM181 SEOUL-LM181 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM181 SEOUL-LM181 Datasheet
360Kb / 13P
CYAN LAMP LED
LM181 SEOUL-LM181 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM181 SEOUL-LM181 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM181 SEOUL-LM181 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM1818

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
AM Radio System for Electronically Tuned Radios
logo
Sanyo Semicon Device
LA4160 SANYO-LA4160 Datasheet
320Kb / 11P
Single-Chip Tape Recorder Audio System
logo
Mechatronics, Inc.
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
electronically commutated
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
electronically commutated
logo
IET Labs Inc.
SOURCE IET-SOURCE Datasheet
227Kb / 1P
Electronically Controlled Resistance Box
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com