Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1818 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1818
Description  Electronically Switched Audio Tape System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1818 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1818 Datasheet HTML 5Page - National Semiconductor (TI) LM1818 Datasheet HTML 6Page - National Semiconductor (TI) LM1818 Datasheet HTML 7Page - National Semiconductor (TI) LM1818 Datasheet HTML 8Page - National Semiconductor (TI) LM1818 Datasheet HTML 9Page - National Semiconductor (TI) LM1818 Datasheet HTML 10Page - National Semiconductor (TI) LM1818 Datasheet HTML 11Page - National Semiconductor (TI) LM1818 Datasheet HTML 12Page - National Semiconductor (TI) LM1818 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Hints (Continued)
Anti-Pop Circuitry
(Figure 8)
The capacitor on pin 3 is used in a time delay system in
conjunction with C13 the ALC capacitor to suppress pops
when switching between record and playback
Figure 8 illus-
trates how this is done The output amplifier either record or
playback is shut off prior to switching and carefully rebiased
after switching takes place It is therefore required that a
proper ratio is selected between the ALC capacitor and the
logic input RC time constant The ALC capacitor must be
discharged to 07V within the time it takes the logic input
capacitor to 1) charge from VCC 2 to 07 VCC when switch-
ing from record to playback or 2) discharge from VCC 2 to
03 VCC when switching from playback to record These
times would normally be similar however the ALC capacitor
can be charged to a different initial value depending upon
the input to the ALC circuit The maximum value to which
the ALC memory capacitor will normally charge is 32V
therefore the maximum time allowed for discharging C13 is
given by
t1 e
(C13 c DV)
I1
e
C13
(32V b 07V)
350 mA
e
C13 c 72 c 104
If C13 e 10 mF t1 e 72 ms
It is now necessary to determine the minimum value for the
RP logic capacitor This is done by computing the time
between the 2 voltage switching points using the exponen-
tial equations for a single RC network
t2 e R13 C11 In
VCC
03 VCC
( b
R13 C11 In
VCC
05 VCC
( e051R13C11
To be sure that C13 is completely discharged let t2 l t1
R13 C11 l
t1
051
e
(72 ms)
051
e
141 ms
If C11 e 10 mF R13 e 15 kX
R13 should be kept to a value less than 50 kX to insure that
bias current existing from pin 3 does not cause an offset
voltage above 200 mV Typically this bias current is less
than 3 mA
Record Playback Switch
When the voltage on pin 3 of the IC is greater than 05 VCC
the internal record-playback switch switches into the play-
back mode During playback the record preamplifier re-
mains partially biased but the input signal to this preamp
does not appear at the preamplifier output In addition dur-
ing the playback mode the record monitor output (pin 9) is
disabled and the ALC circuit operates to minimize the signal
into the record preamp input The meter circuit is operation-
al in the playback as well as the record mode Similarly
during the record mode the playback preamp input is ig-
nored and the playback monitor output is disabled In addi-
tion a pin is available to hold one side of the record head at
ground potential while sinking up to 500 mA of AC bias and
record current
TLH7894 – 10
FIGURE 8A Anti-Pop Circuit
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com