Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1624-I/MC Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1624-I/MC
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1624-I/MC Datasheet(HTML) 3 Page - Microchip Technology

  MCP1624-I/MC Datasheet HTML 1Page - Microchip Technology MCP1624-I/MC Datasheet HTML 2Page - Microchip Technology MCP1624-I/MC Datasheet HTML 3Page - Microchip Technology MCP1624-I/MC Datasheet HTML 4Page - Microchip Technology MCP1624-I/MC Datasheet HTML 5Page - Microchip Technology MCP1624-I/MC Datasheet HTML 6Page - Microchip Technology MCP1624-I/MC Datasheet HTML 7Page - Microchip Technology MCP1624-I/MC Datasheet HTML 8Page - Microchip Technology MCP1624-I/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2010-2016 Microchip Technology Inc.
DS40001420D-page 3
MCP1623/24
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
EN, FB, VIN, VSW, VOUT – GND ...............................................................................................................................+6.5V
EN, FB ...........................................................................................................<maximum of VOUT or VIN > (GND – 0.3V)
Output Short-Circuit Current ........................................................................................................................... Continuous
Power Dissipation ................................................................................................................................. Internally Limited
Storage Temperature .............................................................................................................................. -65°C to +150°C
Ambient Temperature with Power Applied ................................................................................................ -40°C to +85°C
Operating Junction Temperature............................................................................................................. -40°C to +125°C
ESD Protection on All Pins:
HBM............................................................................................................................................................. 3 kV
MM..............................................................................................................................................................300V
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT =3.3V,
IOUT =15 mA, TA = +25°C.
Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Characteristics
Minimum Start-Up Voltage
VIN
—0.65
0.8
V
Note 1
Minimum Input Voltage after
Start-Up
VIN
—0.35
—
V
Note 1
Output Voltage Adjust Range
VOUT
2.0
—
5.5
VVOUT VIN (Note 2)
Maximum Output Current
IOUT
50
——
mA
1.5V VIN, 3.3V VOUT
Feedback Voltage
VFB
1.120
1.21
1.299
V
Feedback Input Bias Current
IVFB
—10
—
pA
Quiescent Current – PFM mode
IQPFM
—
19
30
µA
Measured at VOUT = 4.0V;
EN = VIN, IOUT = 0 mA
(Note 3)
Quiescent Current – PWM mode
IQPWM
—
220
—
µA
Measured at VOUT; EN =
VIN IOUT = 0 mA (Note 3)
Quiescent Current – Shutdown
IQSHDN
—0.7
2.3
µA
VOUT = EN = GND;
Includes N-Channel and
P-Channel switch leakage
NMOS Switch Leakage
INLK
—0.3
—
µA
VIN =VSW =5V; VOUT =
5.5V VEN =VFB =GND
PMOS Switch Leakage
IPLK
—0.05
—
µA
VIN =VSW = GND;
VOUT =5.5V
NMOS Switch ON Resistance
RDS(ON)N
—0.6
—
VIN = 3.3V, ISW = 100 mA
Note 1:
3.3 k
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQ is measured from VOUT; VIN quiescent current will vary with boost ratio. VIN quiescent current can be
estimated by: (IQPFM * (VOUT/VIN)), (IQPWM * (VOUT/VIN)).
4:
Peak current limit determined by characterization, not production tested
5:
220
 resistive load, 3.3V
OUT (15 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com