Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1624-I/MC Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1624-I/MC
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1624-I/MC Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1624-I/MC Datasheet HTML 12Page - Microchip Technology MCP1624-I/MC Datasheet HTML 13Page - Microchip Technology MCP1624-I/MC Datasheet HTML 14Page - Microchip Technology MCP1624-I/MC Datasheet HTML 15Page - Microchip Technology MCP1624-I/MC Datasheet HTML 16Page - Microchip Technology MCP1624-I/MC Datasheet HTML 17Page - Microchip Technology MCP1624-I/MC Datasheet HTML 18Page - Microchip Technology MCP1624-I/MC Datasheet HTML 19Page - Microchip Technology MCP1624-I/MC Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MCP1623/24
DS40001420D-page 16
 2010-2016 Microchip Technology Inc.
5.5
Inductor Selection
The MCP1623/24 is designed to be used with small
surface-mount inductors; the inductance value can
range from 2.2 µH to 10 µH. An inductance value of
4.7 µH is recommended to achieve a good balance
between
inductor
size,
converter
load
transient
response and minimized noise.
Several parameters are used to select the correct
inductor: maximum rated current, saturation current
and copper resistance (ESR). For boost converters, the
inductor current can be much higher than the output
current. The lower the inductor ESR, the higher the
efficiency of the converter, a common trade-off in size
versus efficiency.
Peak current is the maximum or limit, and saturation
current typically specifies a point at which the
inductance has rolled off a percentage of the rated
value. This can range from a 20% to 40% reduction in
inductance. As inductance rolls off, the inductor ripple
current increases as does the peak switch current. It is
important to keep the inductance from rolling off too
much, causing switch current to reach the peak limit.
5.6
Thermal Calculations
By calculating the power dissipation and applying the
package
thermal
resistance, (
JA),
the
junction
temperature is estimated. The maximum continuous
junction temperature rating for the MCP1623/24 is
+125oC.
To quickly estimate the internal power dissipation for
the switching boost regulator, an empirical calculation
using measured efficiency can be used. Given the
measured efficiency, the internal power dissipation is
estimated by Equation 5-3.
EQUATION 5-3:
The difference between the first term, input power, and
the second term, power delivered, is the internal
MCP1623/24 power dissipation. This is an estimate
assuming that most of the power lost is internal to the
MCP1623/24 and not CIN, COUT and the inductor.
There is some percentage of power lost in the boost
inductor, with very little loss in the input and output
capacitors. For a more accurate estimation of internal
power dissipation, subtract the IINRMS
2 x L
ESR power
dissipation.
TABLE 5-2:
MCP1623/24
RECOMMENDED INDUCTORS
Part Number
Size
WxLxH
(mm)
Coilcraft
ME3220
4.7
0.190
1.5
2.5x3.2x2.0
LPS3015
4.7
0.200
1.2
3.0x3.0x1.5
EPL3012
4.7
0.165
1.0
3.0x3.0x1.3
XPL2010
4.7
0.336
0.75
1.9x2.0x1.0
Coiltronics®
SD3110
4.7
0.285
0.68
3.1x3.1x1.0
SD3112
4.7
0.246
0.80
3.1x3.1x1.2
SD3114
4.7
0.251
1.14
3.1x3.1x1.4
Wurth Elektronik®
WE-TPC Type TH
4.7
0.200
0.8
2.8x2.8x1.35
WE-TPC Type S
4.7
0.105
0.90
3.8x3.8x1.65
WE-TPC Type M
4.7
0.082
1.65
4.8x4.8x1.8
Sumida Corporation
CMH23
4.7
0.537
0.70
2.3x2.3x1.0
CMD4D06
4.7
0.216
0.75
3.5x4.3x0.8
CDRH4D
4.7
0.09
0.800
4.6x4.6x1.5
TDK Corporation
B82462A2472M000
4.7
0.084
2.00
6.0x6.0x2.5
B82462G4472M
4.7
0.04
1.8
6.3x6.3x3.0
V
OUT
I
OUT
Efficiency
-------------------------------


V
OUT
I
OUT

–
P
Dis
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com