Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1624-I/MC Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1624-I/MC
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1624-I/MC Datasheet(HTML) 4 Page - Microchip Technology

  MCP1624-I/MC Datasheet HTML 1Page - Microchip Technology MCP1624-I/MC Datasheet HTML 2Page - Microchip Technology MCP1624-I/MC Datasheet HTML 3Page - Microchip Technology MCP1624-I/MC Datasheet HTML 4Page - Microchip Technology MCP1624-I/MC Datasheet HTML 5Page - Microchip Technology MCP1624-I/MC Datasheet HTML 6Page - Microchip Technology MCP1624-I/MC Datasheet HTML 7Page - Microchip Technology MCP1624-I/MC Datasheet HTML 8Page - Microchip Technology MCP1624-I/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MCP1623/24
DS40001420D-page 4
 2010-2016 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
PMOS Switch ON Resistance
RDS(ON)P
—0.9
—
VIN = 3.3V, ISW = 100 mA
NMOS Peak Switch Current
Limit
IN(MAX)
300
425
—
mA
Note 4
VOUT Accuracy
VOUT%
-7.4
—
+7.4
%
Includes line and load
regulation; VIN = 1.5V,
IOUT = 50 mA
Line Regulation
V
OUT/
VOUT)/
V
IN|
—0.01
—
%/V
VIN = 1.5V to 3V
IOUT = 25 mA
Load Regulation
V
OUT/
VOUT|
—0.01
—
%
IOUT = 25 mA to 50 mA;
VIN = 1.5V
Maximum Duty Cycle
DCMAX
—90
—
%
Switching Frequency
fSW
370
500
630
kHz
EN Input Logic High
VIH
90
——
%of VIN IOUT = 1 mA
EN Input Logic Low
VIL
——
20
%of VIN IOUT = 1 mA
EN Input Leakage Current
IENLK
—
0.005
—
µA
VEN = 5V
Soft Start Time
tSS
—
750
—
µS
EN Low-to-High, 90% of
VOUT (Note 5)
Thermal Shutdown Die
Temperature
TSD
—150
—
C
Die Temperature Hysteresis
TSDHYS
—10
—
C
Electrical Specifications: Unless otherwise indicated, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT =3.3V,
IOUT =15 mA, TA = +25°C.
Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
—
+125
°C
Steady state
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistance
Thermal Resistance, 6LD-SOT-23
JA
—
190.5
—
°C/W
Thermal Resistance, 8LD-2x3 DFN
JA
—75
—
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT =3.3V,
IOUT =15 mA, TA = +25°C.
Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
3.3 k
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQ is measured from VOUT; VIN quiescent current will vary with boost ratio. VIN quiescent current can be
estimated by: (IQPFM * (VOUT/VIN)), (IQPWM * (VOUT/VIN)).
4:
Peak current limit determined by characterization, not production tested
5:
220
 resistive load, 3.3V
OUT (15 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com