Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PA21
Description  POWER DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PA21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
TYPICAL PERFORMANCE
GRAPHS
PA21/25/26 • PA21A/25A
0
25
50
75
100
125
TEMPERATURE, T (°C)
0
5
15
25
POWER DERATING
–50
0
100
.25
.75
1.5
1.75
BIAS CURRENT
1.0
.5
–50
0
75
125
CASE TEMPERATURE, T (°C)
1
100
1M
FREQUENCY, F (Hz)
–20
0
60
SMALL SIGNAL RESPONSE
20
40
80
100
0
100
.1M
–210
–150
–60
0
PHASE RESPONSE
–90
–30
1K
100K
FREQUENCY, F (Hz)
5
100
1K
40K
FREQUENCY, F (Hz)
.001
3
HARMONIC DISTORTION
.1
1
.7
1.4
NORMALIZED QUIESCENT CURRENT, I (X)
5
10
40
QUIESCENT CURRENT
15
35
0
1.5
2.5
OUTPUT CURRENT, I (A)
.5
3
OUTPUT VOLTAGE SWING
1.5
2.5
0
10K
FREQUENCY, F (Hz)
60
POWER SUPPLY REJECTION
69
77
89
100K
10
100
0
TIME, t (µs)
PULSE RESPONSE
10
1K
10K
FREQUENCY, F (Hz)
50
75
CROSSTALK
70
10K
O
.5
3.5
0
CURRENT LIMIT
50
.4
.8
1.0
1K
–25
25
50
75
1.25
10
40
POWER RESPONSE
10K
.8
.9
1
1.1 1.2
30
100
60
65
10
1K
10K 100K
150
20
30
10
10K
1M
FREQUENCY, F (Hz)
55
1K
1M
63
74
83
200
400
600
800
1K
–10
–5
0
5
10
10
15
20
25
40
50
.01
3
Q
20
125
20K
80
CASE TEMPERATURE, T (°C)
C
–180
–120
1.2
1.4
1.6
2
35
BOTH
AMPLIFIERS
SINGLE
AMPLIFIER
I
= 1A
AV = –100
OUT
AMP 1
I
= 0
AV = –100
OUT
AMP 2
30
|+V | + |–V | = 40V
SS
66
71
80
86
AV = 1
R =10
L
–25
25
100
.6
C
AV = –10
V
= 16V
R = 8
OUT
L
10
1.3
–50
–25
0
25
50
75
100
125
1
3.5
12
25
PP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com