Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA21
Description  POWER DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA21/25/26 • PA21A/25A
SPECIFICATIONS
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
1.5
10
.5
4
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
15
10
µV/°C
BIAS CURRENT, initial
35
1000
*
250
nA
COMMON MODE RANGE
Full temperature range
–V
S–.3
+V
S–2*
*
V
COMMON MODE REJECTION, DC
Full temperature range
60
85
*
*
dB
POWER SUPPLY REJECTION
Full temperature range
60
80
*
*
dB
CHANNEL SEPARATION
I
OUT = 1A, F = 1kHz
50
68
*
*
dB
GAIN
OPEN LOOP GAIN
Full temperature range
80
100
*
*
dB
GAIN BANDWIDTH PRODUCT
A
V = 40dB
600
*
kHz
PHASE MARGIN
Full temperature range
65
*
°
POWER BANDWIDTH
V
O(P-P) = 28V
13.6
*
kHz
OUTPUT
CURRENT, peak
2.5
3
A
CURRENT, limit
3.0
4.0
A
SLEW RATE
.5
1.2
*
*
V/
µs
CAPACITIVE LOAD DRIVE
A
V = 1
.22
*
µF
VOLTAGE SWING
Full temp. range, I
O = 100mA
|V
S| –1.0
|V
S| –0.8
*
*
V
VOLTAGE SWING
Full temp. range, I
O = 1A
|V
S| –1.8
|V
S| –1.4
*
*
V
VOLTAGE SWING
I
O = 2.5A (PA21, 25)
|V
S| –3.0
|V
S| –2.8
V
VOLTAGE SWING
I
O = 3.0A (PA21A, PA25A)
|V
S| –4.0 |VS| –3.5
V
POWER SUPPLY
VOLTAGE, V
SS
3
54
30
40
*
*
*
V
CURRENT, quiescent, total
45
90
*
*
mA
THERMAL
RESISTANCE, junction to case
DC, single amplifier
5.0
*
°C/W
DC, both amplifiers5
3.4
*
°C/W
AC, single amplifier
3.7
°C/W
AC, both amplifiers5
2.4
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
85
–25
85
°C
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (per amplifier)
25W
POWER DISSIPATION, internal (both amplifiers)
36W
INPUT VOLTAGE, differential
±V
S
INPUT VOLTAGE, common mode
+V
S, -VS–.5V
JUNCTION TEMPERATURE, max1
150
°C
TEMPERATURE, pin solder—10 sec max
300
°C
TEMPERATURE RANGE, storage
–65
°C to 150°C
OPERATING TEMPERATURE RANGE, case
–55
°C to 125°C
PA21A/PA25A
PA21/25/26
NOTES:
*
The specification of PA21A/PA25A is identical to the specification for PA21/PA25 in applicable column to the left.
1.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
2.
Unless otherwise noted, the following conditions apply:
±V
S = ±15V, TC = 25°C.
3.
+V
S and –VS denote the positive and negative supply rail respectively. VSS denotes the total rail-to-rail supply voltage.
4.
Current limit may not function properly below V
SS = 6V, however SOA violations are unlikely in this area.
5.
Rating applies when power dissipation is equal in the two amplifiers.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850
°C to avoid generating toxic fumes. (PA21 and PA25 only. PA26 does not contain
BeO).
CAUTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com