Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA21
Description  POWER DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• LOW COST
• WIDE COMMON MODE RANGE —
Includes negative supply
• WIDE SUPPLY VOLTAGE RANGE
Single supply: 5V to 40V
Split supplies:
±2.5V to ±20V
• HIGH EFFICIENCY — |Vs–2.2V| at 2.5A typ
• HIGH OUTPUT CURRENT — 3A min (PA21A)
• INTERNAL CURRENT LIMIT
• LOW DISTORTION
APPLICATIONS
• HALF & FULL BRIDGE MOTOR DRIVERS
• AUDIO POWER AMPLIFIER
STEREO — 18W RMS per channel
BRIDGE — 36W RMS per package
• IDEAL FOR SINGLE SUPPLY SYSTEMS
5V — Peripherals
12V — Automotive
28V — Avionic
DESCRIPTION
The amplifiers consist of a monolithic dual power op amp
in a 8-pin hermetic TO-3 package (PA21 and PA25) and a 12-
pin SIP package (PA26). Putting two power op amps in one
package and on one die results in an extremely cost effective
solution for applications requiring multiple amplifiers per
board or bridge mode configurations.
The wide common mode input range includes the negative
rail, facilitating single supply applications. It is possible to
have a “ground based” input driving a single supply amplifier
with ground acting as the “second” or “bottom” supply of the
amplifier.
The output stages are also well protected. They possess
internal current limit circuits. While the device is well pro-
tected, the Safe Operating Area (SOA) curve must be ob-
served. Proper heatsinking is required for maximum reliabil-
ity.
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible isolation washers voids the warranty.
The tab of the SIP12 plastic package is tied to –V
S.
TYPICAL APPLICATION
R1 and R2 set up amplifier A in a non-inverting gain of 2.8.
Amp B is set up as a unity gain inverter driven from the output
of amp A. Note that amp B inverts signals about the reference
node, which is set at mid-supply (14V) by R5 and R6. When the
command input is 5V, the output of amp A is 14V. Since this is
equal to the reference node voltage, the output of amp B is also
14V, resulting in 0V across the motor. Inputs more positive
than 5V result in motor current flow from left to right (see Figure
1). Inputs less positive than 5V drive the motor in the opposite
direction.
EXTERNAL CONNECTIONS
PA25
PA21
PA26
The amplifiers are especially well-suited for this application.
The extended common mode range allows command inputs
as low as 0V. Its superior output swing abilities let it drive within
2V of supply at an output current of 2A. This means that a
command input that ranges from 0V to 10V will drive a 24V
motor from full scale CCW to full scale CW at up to
±2A. A
single power op amp with an output swing capability of Vs –6
would require
±30V supplies and would be required to swing
48V p-p at twice the speed to deliver an equivalent drive.
A
B
1
2
3
4
5
6
7
8
+V
S
+IN, A
–IN, A
OUT, A
–V
S
+IN, B
–IN, B
OUT, B
TOP VIEW
+
+
A
1
2
3
4
5
6
7
8
+V
S
–IN, A
+IN, A
+IN, B
–IN, B
–V
S
OUT, B
OUT, A
B
A
B
M
R2
9K
R3
10K
R4
10K
+28V
1/2 PA21
R1
5K
COMMAND
INPUT
0/10V
1/2 PA21
+28V
R5
10K
R6
10K
+
+
FIGURE 1: BIDIRECTIONAL SPEED CONTROL FROM
A SINGLE SUPPLY
Connect pins
3 and 10 to pin 7
and connect pins
4 and 9 to pin 6
unless special
functions are re-
quired.
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
POWER DUAL OPERATIONAL AMPLIFIERS
PA21/25/26 • PA21A/25A
+
SUB
+
1
2
3
4
5
6789
10
11
12
A
B


Similar Part No. - PA21

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
PA2100/2 CARLOGAVAZZI-PA2100/2 Datasheet
279Kb / 3P
Panel Actuators and Indicators Type PA2 Contact Block
logo
Pulse A Technitrol Comp...
PA2101850N PULSE-PA2101850N Datasheet
503Kb / 3P
All NMO mount antennas listed in this catalog section require the NMOHF-style
logo
Wuxi U-NIKC Semiconduct...
PA210HK UNIKC-PA210HK Datasheet
790Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA210HVA NIKOSEM-PA210HVA Datasheet
331Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA210HVA UNIKC-PA210HVA Datasheet
452Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - PA21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jan-1995
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
POWER DUAL OPERATIONAL AMPLIFIERS
PA75 APEX-PA75 Datasheet
337Kb / 4P
DUAL POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
Power Dual Operational Amplifiers
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
Dual Power Operational Amplifiers
logo
List of Unclassifed Man...
PA75CC ETC2-PA75CC Datasheet
773Kb / 5P
Dual Power Operational Amplifiers
logo
STMicroelectronics
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com