Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR1050A-R68Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1050A-R68Y
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1050A-R68Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1050A-R68Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1050A-R68Y Datasheet HTML 2Page - Bourns Electronic Solutions SRR1050A-R68Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Shieldedconstruction
n
Inductancerange:0.68to330µH
n
Heatingcurrentupto9.5A
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
Applications
n
Automotivesystems:
-Driverassistant
-Infotainment
-Lighting
n
DC/DCconverters
n
Powersupplies
SRR1050ASeries-ShieldedPowerInductors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdevice
performancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Temperature Rise
.......................40 °C typ. at rated Irms
Rated Current
............ Inductance drops 35 % at Isat
Failure In Time (FIT)........24.7/109 hours
Mean Time Between Failures (MTBF)
..................................40.4 x 106 hours
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....... 700 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
How to Order
SRR1050A - 101Y
Model
Value Code (see table)
Bourns
Part Number
Inductance @
100 kHz/0.1V
SRF
(MHz)
Typ.
DCR (W)
I rms
(A)
I sat
(A)
L (µH)
Tol. (%)
Typ.
Max.
SRR1050A-R68Y
0.68
± 30
110
0.0045
0.0055
9.50
13.5
SRR1050A-1R2Y
1.2
± 30
85
0.0058
0.007
8.30
10.5
SRR1050A-2R2Y
2.2
± 30
53
0.0071
0.009
7.20
8.20
SRR1050A-3R3Y
3.3
± 30
40
0.0086
0.011
6.50
7.80
SRR1050A-4R2Y
4.2
± 30
29
0.0104
0.014
6.10
6.40
SRR1050A-6R8Y
6.8
± 30
27
0.0151
0.019
5.40
5.40
SRR1050A-8R2Y
8.2
± 30
21
0.0181
0.022
5.00
4.85
SRR1050A-100Y
10
± 30
16.5
0.023
0.031
4.50
4.45
SRR1050A-120Y
12
± 30
15
0.026
0.035
3.80
4.00
SRR1050A-150Y
15
± 30
14
0.035
0.047
3.40
3.60
SRR1050A-180Y
18
± 30
11
0.038
0.051
3.10
3.20
SRR1050A-220Y
22
± 30
10.5
0.046
0.062
2.90
2.95
SRR1050A-270Y
27
± 30
10
0.057
0.077
2.60
2.70
SRR1050A-330Y
33
± 30
9
0.069
0.093
2.50
2.40
SRR1050A-390Y
39
± 30
6.8
0.079
0.106
2.25
2.30
SRR1050A-470Y
47
± 30
5.9
0.094
0.127
2.00
2.00
SRR1050A-560Y
56
± 30
5.5
0.124
0.160
1.90
1.90
SRR1050A-680Y
68
± 30
5
0.138
0.208
1.60
1.65
SRR1050A-820Y
82
± 30
4.5
0.150
0.230
1.45
1.50
SRR1050A-101Y
100
± 30
4.2
0.179
0.255
1.35
1.35
SRR1050A-121Y
120
± 30
3.8
0.213
0.305
1.18
1.28
SRR1050A-151Y
150
± 30
3.6
0.253
0.370
1.10
1.12
SRR1050A-181Y
180
± 30
3.4
0.307
0.420
1.00
1.04
SRR1050A-221Y
220
± 30
3
0.373
0.500
0.94
0.94
SRR1050A-271Y
270
± 30
2.4
0.491
0.675
0.80
0.84
SRR1050A-331Y
330
± 30
2
0.613
0.815
0.73
0.75
330
10.0 ± 0.3
(.394 ± .012)
10.20 ± 0.3
(.402 ± .012)
MAX.
4.80 ± 0.3
(.189 ± .012)
3.00 ± 0.3
(.118 ± .012)
7.80 ± 0.4
(.307 ± .016)
1.20 ± 0.15
(.047 ± .006)
13.00
(.512) REF.
3.20
(.126)
7.30
(.287)
1.60
(.063)
1.60
(.063)
330
10.0 ± 0.3
(.394 ± .012)
10.20 ± 0.3
(.402 ± .012)
MAX.
4.80 ± 0.3
(.189 ± .012)
3.00 ± 0.3
(.118 ± .012)
7.80 ± 0.4
(.307 ± .016)
1.20 ± 0.15
(.047 ± .006)
13.00
(.512) REF.
3.20
(.126)
7.30
(.287)
1.60
(.063)
1.60
(.063)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRR1050A-R68Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1050HA BOURNS-SRR1050HA Datasheet
728Kb / 5P
Shielded Power Inductors
Mar 31, 2015
SRR1050HA-100Y BOURNS-SRR1050HA-100Y Datasheet
728Kb / 5P
Shielded Power Inductors
Mar 31, 2015
SRR1050HA-101Y BOURNS-SRR1050HA-101Y Datasheet
728Kb / 5P
Shielded Power Inductors
Mar 31, 2015
SRR1050HA-120Y BOURNS-SRR1050HA-120Y Datasheet
728Kb / 5P
Shielded Power Inductors
Mar 31, 2015
SRR1050HA-121Y BOURNS-SRR1050HA-121Y Datasheet
728Kb / 5P
Shielded Power Inductors
Mar 31, 2015
More results

Similar Description - SRR1050A-R68Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com