Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR1050A-R68Y Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRR1050A-R68Y
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1050A-R68Y Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRR1050A-R68Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1050A-R68Y Datasheet HTML 2Page - Bourns Electronic Solutions SRR1050A-R68Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SRF0504Series-LineFilter
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRR1050ASeries-ShieldedPowerInductors
Packaging Specifications
07/16
DIMENSIONS:
MM
(INCHES)
QTY:700PCS.PERREEL
Soldering Profile
Peak Temperature:
245 °C max.
Time Above 245 °C:
30 sec. max.
Time Above 217 °C:
60 ~ 150 sec. max.
250
0
50
50
200
150
100
+4.0 °C / sec. max.
150~200 °C / 60~120 sec.
+3.0 °C / sec. max.
-(1.0~5.0) °C / sec. max.
Temperature
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
200
Time (Seconds)
100150
60 ~ 150 sec.
60 sec. max.
217 °C
60 ~ 120 sec.
250
26+0
(1.02+0)
30.4
(1.20)
2.0±0.5
(.079±.020)
60.0-0
(2.362-0)
330
(12.99)DIA.
13.0±0.5
(.512±.020)
DIA.
13.0±0.5
(.512±.020)
DIA.
21.0±0.8
(.827±.031)
24
(.945)
Components
200m/m min.
Leader
no component
Trailer
400m/m min.
no component
330
330
330
330
330
START
END
4
(.157)
16
(.63)
USER DIRECTION OF FEED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com