Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR1050A-R68Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR1050A-R68Y
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1050A-R68Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR1050A-R68Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1050A-R68Y Datasheet HTML 2Page - Bourns Electronic Solutions SRR1050A-R68Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRF0504Series-LineFilter
Inductance vs. IDC
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRR1050ASeries-ShieldedPowerInductors
Temperature vs. IDC
0
0
0.5
1.0
1.5
2.0
2.5
24
68
10
12
14
IDC (A)
01
23
45
6
IDC (A)
0
0.3
0.6
0.9
1.2
1.5
IDC (A)
0
0.9
1.8
2.7
3.6
4.5
IDC (A)
0
3
6
9
12
0
8
16
24
32
L @ 25 °C
L @ 125 °C
0
50
100
150
200
250
0
20
40
60
80
100
02
46
8101214
IDC (A)
01
23
45
67
IDC (A)
0
0.3
0.6
0.9
1.2
1.5
IDC (A)
0
0.9
1.8
2.7
3.6
4.5
IDC (A)
0
20
40
60
80
0
10
20
30
40
50
60
0
20
40
60
80
100
L @ 25 °C
L @ 125 °C
L @ 25 °C
L @ 125 °C
L @ 25 °C
L @ 125 °C
T (°C)
T (°C)
T (°C)
T (°C)
SRR1050A-2R2Y
SRR1050A-100Y
SRR1050A-270Y
SRR1050A-221Y
SRR1050A-2R2Y
SRR1050A-100Y
SRR1050A-270Y
SRR1050A-221Y



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com