Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK12429BD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK12429BD
Description  25-400 MHz differential PECL clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK12429BD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK12429BD Datasheet HTML 3Page - NXP Semiconductors PCK12429BD Datasheet HTML 4Page - NXP Semiconductors PCK12429BD Datasheet HTML 5Page - NXP Semiconductors PCK12429BD Datasheet HTML 6Page - NXP Semiconductors PCK12429BD Datasheet HTML 7Page - NXP Semiconductors PCK12429BD Datasheet HTML 8Page - NXP Semiconductors PCK12429BD Datasheet HTML 9Page - NXP Semiconductors PCK12429BD Datasheet HTML 10Page - NXP Semiconductors PCK12429BD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product data
PCK12429
25–400 MHz differential PECL clock generator
2002 Jun 03
7
SW00730
N DIVIDE
(2, 4, 8, 16)
PLL 12429
SHIFT
REG
14-BIT
VCO_CLK
FREF
MCNT
0
1
FOUT
(VIA ENABLE GATE)
SEL_CLK
SCLOCK
SDATA
T0
T1
T2
DECODE
LATCH
Reset
M COUNTER
SLOAD
PLOADB
FDIV4
MCNT
LOW
FOUT
MCNT
FREF
HIGH
TEST
MUX
0
7
TEST
• T2 = T1 = 1. T0 = 0: Test Mode
• SCLOCK is selected, MCNT is on TEST output, SCLOCK DIVIDE BY N is on FOUT pin.
PLOADB acts as reset for test pin latch. When latch reset T2 data is shifted out TEST pin.
Figure 2. Serial Test Clock Block Diagram
DC CHARACTERISTICS (Tamb = 0 to 70 °C, VCC = 3.3 V ± 5%)
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VIH
Input HIGH Voltage
VCC = 3.3 V
2.0
V
VIL
Input LOW Voltage
VCC = 3.3 V
0.8
V
IIN
Input Current
1.0
mA
VOH
Output HIGH Voltage
TEST
IOH = –0.8 mA
2.5
V
VOL
Output LOW Voltage
TEST
IOL = 0.8 mA
0.4
V
VO
Output HIGH Voltage
FOUT
VCC0 = 3.3 V
217
250
V
VOH
Output HIGH Voltage
FOUT
CC0
(Notes 1 and 2)
2.17
2.50
V
VO
Output LOW Voltage
FOUT
VCC0 = 3.3 V
141
176
V
VOL
Output LOW Voltage
FOUT
CC0
(Notes 1 and 2)
1.41
1.76
V
ICC
Power Supply Current
VCC1
85
100
mA
ICC
Power Supply Current
PLL_VCC
15
20
mA
NOTES:
1. Output levels will vary 1:1 with VCC0 variation.
2. 50
Ω to VCC – 2.0 V pulldown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com