Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK12429BD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK12429BD
Description  25-400 MHz differential PECL clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK12429BD Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK12429BD Datasheet HTML 1Page - NXP Semiconductors PCK12429BD Datasheet HTML 2Page - NXP Semiconductors PCK12429BD Datasheet HTML 3Page - NXP Semiconductors PCK12429BD Datasheet HTML 4Page - NXP Semiconductors PCK12429BD Datasheet HTML 5Page - NXP Semiconductors PCK12429BD Datasheet HTML 6Page - NXP Semiconductors PCK12429BD Datasheet HTML 7Page - NXP Semiconductors PCK12429BD Datasheet HTML 8Page - NXP Semiconductors PCK12429BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product data
PCK12429
25–400 MHz differential PECL clock generator
2002 Jun 03
3
PIN CONFIGURATION
28-Pin SO
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
M[0]
P_LOAD
M[1]
VCC
M[2]
XTAL2
M[3]
XTAL1
M[4]
NC
M[5]
NC
M[6]
PLL-VCC
M[7]
S_DATA
M[8]
S_LOAD
N[0]
S_CLOCK
N[1]
VCC
FOUT
13
GND
16 FOUT
14
TEST
15 GND
SW01013
VCC
28-Pin PLCC
Œ
TOP VIEW
SR02303
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
XTAL2
OE
P_LOAD
M[0]
M[1]
M[2]
M[3]
GND
TEST
VCC
GND
FOUT
FOUT
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com