Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK12429BD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK12429BD
Description  25-400 MHz differential PECL clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK12429BD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK12429BD Datasheet HTML 1Page - NXP Semiconductors PCK12429BD Datasheet HTML 2Page - NXP Semiconductors PCK12429BD Datasheet HTML 3Page - NXP Semiconductors PCK12429BD Datasheet HTML 4Page - NXP Semiconductors PCK12429BD Datasheet HTML 5Page - NXP Semiconductors PCK12429BD Datasheet HTML 6Page - NXP Semiconductors PCK12429BD Datasheet HTML 7Page - NXP Semiconductors PCK12429BD Datasheet HTML 8Page - NXP Semiconductors PCK12429BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product data
PCK12429
25–400 MHz differential PECL clock generator
2
2002 Jun 03
853-2312 28362
INTRODUCTION
The PCK12429 is a general purpose synthesized clock source
targeting applications that require both serial and parallel interfaces.
The differential PECL output can be configured to be the VCO
frequency divided by 1, 2, 4, or 8. With the output configured to
divide the VCO frequency by 2, and with a 16.000 MHz external
quartz crystal used to provide the reference frequency, the output
frequency can be specified in 1 MHz steps. The PLL loop filter is
fully integrated so that no external components are required.
FEATURES
• 25 to 400 MHz differential PECL outputs
• ±25 ps peak-to-peak output jitter
• Fully integrated phase-locked loop
• Minimal frequency over-shoot
• Synthesized architecture
• Serial 3-wire interface
• Parallel interface for power-up
• Quartz crystal interface
• Package offer: SO28, PLCC28, and LQFP32
• Operates from 3.3 V power supply
DESCRIPTION
The internal oscillator uses the external quartz crystal as the basis
of its frequency reference. The output of the reference oscillator is
divided by 16 before being sent to the phase detector.
The VCO output is scaled by a divider that is configured by either
the serial or parallel interfaces. The output of this loop divider is also
applied to the phase detector.
The phase detector and loop filter attempt to force the VCO output
frequency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too high
or too low) the PLL will not achieve loop lock.
The output of the VCO is also passed through an output divider
before being sent to the PECL output driver. This output divider (N
divider) is configured through either the serial or the parallel
interfaces, and can provide one of four division ratios (1, 2, 4, or 8).
This divider extends performance of the part while providing a 50%
duty cycle.
The output driver is driven differentially from the output divider, and
is capable of driving a pair of transmission lines terminated in 50
Ω
to VCC–2.0. The positive reference for the output driver and the
internal logic is separated from the power supply for the
phase-locked loop to minimize noise induced jitter.
The configuration logic has two sections: serial and parallel. The
parallel interface uses the values at the M[8:0] and N[1:0] inputs to
configure the internal counters. Normally, on system reset, the
P_LOAD input is held LOW until sometime after power becomes
valid. On the LOW-to-HIGH transition of P_LOAD, the parallel inputs
are captured. The parallel interface has priority over the serial
interface. Internal pullup resistors are provided on the M[8:0] and
N[1:0] inputs to reduce component count in the application of the
chip.
The serial interface centers on a fourteen bit shift register. The shift
register shifts once per rising edge of the S_CLOCK input. The
serial input S_DATA must meet setup and hold timing as specified in
the AC Characteristics section of this document. The configuration
latches will capture the value of the shift register on the
HIGH-to-LOW edge of the S_LOAD input. See the programming
section for more information.
The TEST output reflects various internal node values, and is
controlled by the T[2:0] bits in the serial data stream. See the
programming section for more information.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
28-Pin Plastic SO
0 to +70
°C
PCK12429D
SOT136-1
28-Pin Plastic PLCC
0 to +70
°C
PCK12429A
SOT261-2
32-pin Plastic LQFP
0 to +70
°C
PCK12429BD
SOT358-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com