Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-960-104P-R2-1 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-960-104P-R2-1
Description  THIN-FILM HIGH PRESSURE TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-960-104P-R2-1 Datasheet(HTML) 2 Page - Copal Electronics

  PA-960-104P-R2-1 Datasheet HTML 1Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 2Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 3Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10mA Max.(No load)/PA-960
PA-960/PA-968
PRESSURE TRANSDUCERS WITH AMP.
■ LIST OF MODEL NUMBERS
※ Verify the above model numbers when placing orders.
■ STANDARD SPECIFICATIONS
Series name
(Reference)
Fitting
Cable
Pressure range
0
∼ 5MPa
0
∼ 10MPa
0
∼ 20MPa
0
∼ 35MPa
0
∼ 50MPa
PA-960
(Voltage
output)
R1/4
Nothing
PA-960-503P-R2
PA-960-104P-R2
PA-960-204P-R2
PA-960-354P-R2
PA-960-504P-R2
Straight
PA-960-503P-R2-1 PA-960-104P-R2-1 PA-960-204P-R2-1 PA-960-354P-R2-1 PA-960-504P-R2-1
Angle
PA-960-503P-R2-2 PA-960-104P-R2-2 PA-960-204P-R2-2 PA-960-354P-R2-2 PA-960-504P-R2-2
G3/8,included
P14 O-ring
Nothing
PA-960-503P-G3
PA-960-104P-G3
PA-960-204P-G3
PA-960-354P-G3
PA-960-504P-G3
Straight
PA-960-503P-G3-1 PA-960-104P-G3-1 PA-960-204P-G3-1 PA-960-354P-G3-1 PA-960-504P-G3-1
Angle
PA-960-503P-G3-2 PA-960-104P-G3-2 PA-960-204P-G3-2 PA-960-354P-G3-2 PA-960-504P-G3-2
PA-968
(Current
output)
R1/4
Nothing
PA-968-503P-R2
PA-968-104P-R2
PA-968-204P-R2
PA-968-354P-R2
PA-968-504P-R2
Straight
PA-968-503P-R2-1 PA-968-104P-R2-1 PA-968-204P-R2-1 PA-968-354P-R2-1 PA-968-504P-R2-1
Angle
PA-968-503P-R2-2 PA-968-104P-R2-2 PA-968-204P-R2-2 PA-968-354P-R2-2 PA-968-504P-R2-2
G3/8,included
P14 O-ring
Nothing
PA-968-503P-G3
PA-968-104P-G3
PA-968-204P-G3
PA-968-354P-G3
PA-968-504P-G3
Straight
PA-968-503P-G3-1 PA-968-104P-G3-1 PA-968-204P-G3-1 PA-968-354P-G3-1 PA-968-504P-G3-1
Angle
PA-968-503P-G3-2 PA-968-104P-G3-2 PA-968-204P-G3-2 PA-968-354P-G3-2 PA-968-504P-G3-2
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.
Item
Pressure reference
Rated pressure range
Maximum pressure
Operating temp. range
Compensated temp. range
Operating humidity
Pressure medium
Storage temp.
Protection grade
Net weight
Supply voltage
Consumption current
Model
number
PA-960/968
   503P       104P       204P       354P       504P
Gauge
PA − 960:− 20 ∼ 85  PA − 968:− 20 ∼ 70
IP67*
Applox.60/Applox.130*
10.8 ∼ 30VDC(include ripple)
35 ~ 85(No condensation)
− 20 ∼ 70(At atmospheric pressure, humidity below 65%RH)
Gases/Liquids compatible with 17-4PH
−
20 ~ 70
MPa
MPa
°C
°C
%RH
°C
g
*
Including the attached cable
5
10
10
20
20
40
35
50
50
65



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com