Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-960-104P-R2-1 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-960-104P-R2-1
Description  THIN-FILM HIGH PRESSURE TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-960-104P-R2-1 Datasheet(HTML) 3 Page - Copal Electronics

  PA-960-104P-R2-1 Datasheet HTML 1Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 2Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 3Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Item
Model number
■ STANDARD SPECIFICATIONS
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C, excitation voltage of 12 V DC, and Rated pressure of Pin=0 ∼ Pr.
PA-960
PA-968
Output voltage/Current
1 ∼ 5V
4 ∼ 20mA
Zero voltage/ Current
1±0.05V
4±0.2mA
Span voltage/Current
4±0.05V
16±0.2mA
Linearity 
%F.S.
±0.5
Hysteresis 
%F.S.
±0.1
±0.2
Thermal Error
(− 20 ∼ 70℃)
ZERO
%F.S./°C
± 0.05
SPAN
%F.S./°C
± 0.05
Load resistance
10kΩ 以上
500Ω max.(power supply:24V)**
Response
2ms Max.
** Please refer to the following table or expression to choose load resistance.
PA-960/PA-968
PRESSURE TRANSDUCERS WITH AMP.
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
(Ta=25 ± 5°C,Pin=0Mpa)
Permissible change
Vibration
10 ∼ 500 Hz, 1.5 mm P-P,
3 directions for 2 hours each
Analog output (Zero voltage/current, Span voltage/
current:): ± 2 %F.S., maximum each after test
Shock
490 m/s
2
3 directions for 3 times each
Pressure cycling
10
6 cycles
0 ∼ Rated pressure
Moisture resistance
40 °C, 90 ~ 95 %RH, 240 hrs.
EMC
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
EMS : EN61326-1 : 2006/EN61326-2-3 : 2006 Table 2
Analog output (Zero voltage/current, Span voltage/
current:): ± 5 %F.S., maximum each after test
RL
(
MAX)
RL
(
MIN)
750
500
250
0
0
10.8
30
24
RL
(
MAX)
V opr−10.8
0.026
=
RL
(
MIN)
V opr−10.8
−
507.7
0.026
=
■ Expression of the load resistance
■ Performance mapping
Power supply Vopr[VDC]
Please refer to the following table or expression to
choose load resistance of current output type (PA-968).
■ LOAD RESISTANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com