Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-960-104P-R2-1 Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-960-104P-R2-1
Description  THIN-FILM HIGH PRESSURE TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-960-104P-R2-1 Datasheet(HTML) 4 Page - Copal Electronics

  PA-960-104P-R2-1 Datasheet HTML 1Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 2Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 3Page - Copal Electronics PA-960-104P-R2-1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(45)
1000±100
(3.5)
53±5
6±2
(31)
53±5
6±2
1000±100
M12 Connector Cable
M12 Connector Cable
4-pin/3-core×AWG22
4-pin/3-core×AWG22
G3/8
(17-4PH)
MADE IN JAPAN
Lot.2Y5
PA-96*-104P-G3
(SUS304)
(22)
45±1
5.7
12
10
6.5 min
(17-4PH)
R1/4
(SUS304)
PA-96*-104P-R2
Lot.2Y5
MADE IN JAPAN
(22)
48.5±1
5.7
15.5
10
6.5 min
Pressure port
With Snubber
Marking
Case
Pressure port
With Snubber
Marking
Case
O-Ring
(Fluororubber)
PA-960/PA-968
PRESSURE TRANSDUCERS WITH AMP.
■ INTERNAL CIRCUIT
O PA-960
O PA-968
O Fitting R2(R 1/4)
O Fitting G3(G 3/8)
■ OUTLINE DIMENSIONS
■ M12 ASSEMBLED CABLE
 
(Unit:mm)
O Straight
O Angle
■ WIRING
M12×1
4
3
2
1
Pin
No.
1
2
3
4
Power⊕
Analog output
Common
F.G.
Power⊕
Analog output
CAL**
CAL**
PA-960
PA-968
Connection
Please wire according to the following table for M12 connec-
tor cable.
※Do not wire the CAL connection.
 It may cause malfunction when voltage is applied.
** …Calibration
I/O Connector
F.G:Frame ground
4
:F.G.
3
2
1
Pressure
Blue
:Common
Black
:Analog Output
Brown
:Power(+)
Sensor
Main circuit
Shield
4
:CAL
3
2
1
Shield
Brown
:Power(+)
Black
:Analog Output
Pressure
Blue
:Calibration
Sensor
Main circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com