Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SL
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3936SL Datasheet HTML 10Page - National Semiconductor (TI) LP3936SL Datasheet HTML 11Page - National Semiconductor (TI) LP3936SL Datasheet HTML 12Page - National Semiconductor (TI) LP3936SL Datasheet HTML 13Page - National Semiconductor (TI) LP3936SL Datasheet HTML 14Page - National Semiconductor (TI) LP3936SL Datasheet HTML 15Page - National Semiconductor (TI) LP3936SL Datasheet HTML 16Page - National Semiconductor (TI) LP3936SL Datasheet HTML 17Page - National Semiconductor (TI) LP3936SL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Boost Converter Typical Performance Characteristics V
IN = 3.6V, VOUT = 4.55V if not
otherwise stated.
Boost Converter Efficiency
Boost Frequency vs RT Resistor
20081419
20081420
Battery Current vs Voltage
Battery Current vs Voltage
20081421
20081422
Boost Typical Waveforms at 100 mA Load
Boost Startup with No Load
20081423
20081424
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com