Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SL
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SL Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3936SL Datasheet HTML 12Page - National Semiconductor (TI) LP3936SL Datasheet HTML 13Page - National Semiconductor (TI) LP3936SL Datasheet HTML 14Page - National Semiconductor (TI) LP3936SL Datasheet HTML 15Page - National Semiconductor (TI) LP3936SL Datasheet HTML 16Page - National Semiconductor (TI) LP3936SL Datasheet HTML 17Page - National Semiconductor (TI) LP3936SL Datasheet HTML 18Page - National Semiconductor (TI) LP3936SL Datasheet HTML 19Page - National Semiconductor (TI) LP3936SL Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
RGB LED Driver (Continued)
In the FLASH mode all the outputs are controlled in one
phase and the PWM period is 50 µs. The time averaged
FLASH mode current is three times the normal mode current
at the same DUTY value.
Blinking can be controlled separately for each output. On
and OFF times determine, when a LED turns on and off
within the blinking cycle. When both ON and OFF are 0, the
LED is on and doesn’t blink. If ON equals OFF but is not 0,
the LED is permanently off.
20081429
Example Blinking Waveforms
RGB Driver Electrical Characteristics
(R
OUT,GOUT,BOUT outputs)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R
DS-ON
ON Resistance
2
4.5
Ω
I
LEAKAGE
Off State Leakage Current
V
FB = 5.3V
0.04
1
µA
I
MAX
Maximum Sink Current
(Note 12)
120
mA
T
SMAX
Maximum Slope Period
Maximum Duty Setting
0.93
s
T
SMIN
Minimum Slope Period
Maximum Duty Setting
31
ms
T
SRES
Slope Resolution
Maximum Duty Setting
62
ms
T
START/STOP
Start/Stop Resolution
Cycle 1s
1/16
s
Duty
Duty Step Size
1/16
T
BLINK
Blinking Cycle Accuracy
−6
±3+6
%
D
CYCF
Duty Cycle Range
EN_FLASH = 1
0
94
%
D
CYC
Duty Cycle Range
EN_FLASH = 0
0
31
%
D
RESF
Duty Resolution
EN_FLASH = 1 (4-bit)
6.27
%
D
RES
Duty Resolution
EN_FLASH = 0 (4-bit)
2.09
%
F
PWMF
PWM Frequency
EN_FLASH = 1
20
kHz
F
PWM
PWM Frequency
EN_FLASH = 0
6.67
kHz
Note 12: The total load current of the boost converter should be limited to 250 mA.
RGB LED PWM Control (Note 13)
RDUTY[3:0]
GDUTY[3:0]
BDUTY[3:0]
DUTY sets the brightness of the LED by adjusting the duty cycle of the PWM driver. The minimum DUTY
cycle [0000] is 0% and the maximum [1111] in the Flash mode is
A 94% and in the normal mode 31% of
the peak pulse current. The peak pulse current is determined by the external resistor, LED forward
voltage drop and the boost voltage.
RSLOPE[3:0]
GSLOPE[3:0]
BSLOPE[3:0]
SLOPE sets the turn-on and turn-off slopes. Fastest slope is set by [0000] and slowest by [1111]. SLOPE
changes the duty cycle at constant, programmable rate. For each slope setting the maximum slope time
appears at maximum DUTY setting. When DUTY is reduced, the slope time decreases proportionally. For
example, in case of maximum DUTY, the sloping time can be adjusted from 31 ms [0000] to 930 ms
[1111]. For 50% DUTY [1000] the sloping time is 17 ms [0000] to 496 ms [1111]. The blinking cycle has
no effect on SLOPE.
RON[6:0]
GON[6:0]
BON[6:0]
ON sets the beginning time of the turn-on slope. The on-time is relative to the selected blinking cycle
length. On-setting N (N = 0–127) sets the on-time to N/128 * cycle length.
ROFF[6:0]
GOFF[6:0]
BOFF[6:0]
OFF sets the beginning time of the turn-off slope. Off-time is relative to blinking cycle length in the same
way as on-time.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com