Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SL
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SL Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3936SL Datasheet HTML 11Page - National Semiconductor (TI) LP3936SL Datasheet HTML 12Page - National Semiconductor (TI) LP3936SL Datasheet HTML 13Page - National Semiconductor (TI) LP3936SL Datasheet HTML 14Page - National Semiconductor (TI) LP3936SL Datasheet HTML 15Page - National Semiconductor (TI) LP3936SL Datasheet HTML 16Page - National Semiconductor (TI) LP3936SL Datasheet HTML 17Page - National Semiconductor (TI) LP3936SL Datasheet HTML 18Page - National Semiconductor (TI) LP3936SL Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Boost Converter Typical Performance Characteristics V
IN = 3.6V, VOUT = 4.55V if not
otherwise stated. (Continued)
Boost Line Regulation
Boost Load Regulation, 50 mA–100 mA
20081425
20081426
RGB LED Driver
The RGB driver has three outputs that can independently
drive one RGB LED or three LEDs of any kind. User has
control over the following parameters separately for each
LED:
• ON and OFF (start and stop time in blinking cycle)
• DUTY
(PWM brightness control)
• SLOPE
(dimming slope)
• ENABLE
(direct enable control)
The main blinking cycle is controlled with 2-bit CYCLE con-
trol (0.25 / 0.5 / 1.0 / 2.0s).
20081427
RGB PWM Operating Principle
RGB_START is the master enable control for the whole RGB
function. The internal PWM and blinking control can be
disabled by setting the RGB_PWM control LOW. In this case
the individual enable controls can be used to switch outputs
on and off. RGB_EN input can be used for external hardware
PWM control. RGB_EN input can be used as direct on/off or
brightness (PWM) control. If RGB_EN input is not used, it
must be tied to V
DD_IO. Recommended maximum frequency
of RGB LED external PWM control is 1 MHz.
In the normal PWM mode the R, G and B switches are
controlled in 3 phases (one phase per driver). During each
phase the peak current set by external resistor is driven
through the LED for the time defined by DUTY setting
(0 µs–50 µs). As a time averaged current this means
0%–33% of the peak current. The PWM period is 150 µs and
the pulse frequency is 6.67 kHz in normal mode.
20081428
Normal Mode PWM Waveforms at different duty
settings
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com