Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 5 Page - Texas Instruments

  REG113 Datasheet HTML 1Page - Texas Instruments REG113 Datasheet HTML 2Page - Texas Instruments REG113 Datasheet HTML 3Page - Texas Instruments REG113 Datasheet HTML 4Page - Texas Instruments REG113 Datasheet HTML 5Page - Texas Instruments REG113 Datasheet HTML 6Page - Texas Instruments REG113 Datasheet HTML 7Page - Texas Instruments REG113 Datasheet HTML 8Page - Texas Instruments REG113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REG113
5
SBVS031D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
18
16
14
12
10
8
6
4
2
0
Error (%)
OUTPUT VOLTAGE ACCURACY HISTOGRAM
30
25
20
15
10
5
0
V
OUT Drift (ppm/°C)
OUTPUT VOLTAGE DRIFT HISTOGRAM
–50
25
–25
0
50
75
100
125
1
µ
100n
10n
1n
100p
Temperature (
°C)
GROUND PIN CURRENT, NOT ENABLED
vs TEMPERATURE
V
ENABLE = 0.5V
V
IN = VOUT + 1V
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
OUTPUT VOLTAGE vs TEMPERATURE
(Referred to I
OUT = 200mA at +25°C)
–50
–25
0
25
50
75
100
125
Temperature (
°C)
I
OUT = 5mA
I
OUT = 200mA
I
OUT = 400mA
0
50
100
150
200
250
300
350
400
1000
900
800
700
600
500
400
300
200
100
0
Load Current (mA)
GROUND CURRENT vs LOAD CURRENT
V
OUT = 2.5V
V
OUT = 3.3V
V
OUT = 5.0V
1000
950
900
850
800
750
700
GROUND CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
125
Temperature (
°C)
I
OUT = 400mA
V
OUT = 2.5V
V
OUT = 3.3V
V
OUT = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com