Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 2 Page - Texas Instruments

  REG113 Datasheet HTML 1Page - Texas Instruments REG113 Datasheet HTML 2Page - Texas Instruments REG113 Datasheet HTML 3Page - Texas Instruments REG113 Datasheet HTML 4Page - Texas Instruments REG113 Datasheet HTML 5Page - Texas Instruments REG113 Datasheet HTML 6Page - Texas Instruments REG113 Datasheet HTML 7Page - Texas Instruments REG113 Datasheet HTML 8Page - Texas Instruments REG113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REG113
2
SBVS031D
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Supply Input Voltage, VIN ....................................................... –0.3V to 12V
Enable Input Voltage, VEN ....................................................... –0.3V to VIN
NR Pin Voltage, VNR ............................................................. –0.3V to 6.0V
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range (TJ) ................................ –55°C to +125°C
Storage Temperature Range (TA) ................................... –65°C to +150°C
Lead Temperature (soldering, 3s) .................................................. +240
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small paramet-
ric changes could cause the device not to meet its published
specifications.
PIN CONFIGURATIONS
Top View
V
IN
GND
Enable
V
OUT
NR
SOT
1
2
3
5
4
(N Package)
Enable
V
IN
V
OUT
NR
GND
GND
GND
GND
MSOP
1
2
3
4
8
7
6
5
(E Package)
NOTE: Leads 5 through 8 are fused to the lead frame and can be
used for improved thermal dissipation.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
VOUT(2)
REG113xx-
yyyy/zzz
XX is package designator.
YYYY is typical output voltage (5 = 5.0V, 2.85 = 2.85V, A = Adjustable).
ZZZ is package quantity.
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
(2) Output voltages from 2.5V to 5.1V in 50mV increments are available; minimum order quantities apply. Contact factory for details and availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com