Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 4 Page - Texas Instruments

  REG113 Datasheet HTML 1Page - Texas Instruments REG113 Datasheet HTML 2Page - Texas Instruments REG113 Datasheet HTML 3Page - Texas Instruments REG113 Datasheet HTML 4Page - Texas Instruments REG113 Datasheet HTML 5Page - Texas Instruments REG113 Datasheet HTML 6Page - Texas Instruments REG113 Datasheet HTML 7Page - Texas Instruments REG113 Datasheet HTML 8Page - Texas Instruments REG113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REG113
4
SBVS031D
www.ti.com
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
0
50
100
150
200
250
300
350
400
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Output Current (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(Referred to I
OUT = 200mA at +25°C)
–55
°C
+25
°C
+125
°C
–50
–25
0
25
50
75
100
125
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
Temperature (
°C)
LOAD REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V)
I
OUT = 40mA to 400mA
I
OUT = 5mA to 400mA
0
1
2
345
6
7
40
30
20
10
0
–10
–20
–30
–40
V
IN – VOUT (V)
LINE REGULATION
(Referred to V
IN = VOUT + 1V at IO = 200mA)
5mA
200mA
400mA
–50
–25
0
25
50
75
100
125
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
–0.40
–0.45
–0.50
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
I
OUT = 200mA, (VOUT + 1V) < VIN < 10
I
OUT = 200mA, (VOUT + 0.4V) < VIN < 10
I
OUT = 400mA, (VOUT + 1V) < VIN < 10
I
OUT = 400mA, (VOUT + 0.4V) < VIN < 10
0
50
100
150
200
250
350
300
400
400
350
300
250
200
150
100
50
0
Output Current (mA)
DC DROPOUT VOLTAGE vs OUTPUT CURRENT
–55
°C
+25
°C
+125
°C
400
350
300
250
200
150
100
50
0
DC DROPOUT VOLTAGE vs TEMPERATURE
–50
–25
0
25
50
75
100
125
Junction Temperature (
°C)
I
OUT = 400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com